Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2859 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2859
Description  Multiplexed diagnostics of AC switches using two STCC08
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2859 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2859 Datasheet HTML 7Page - STMicroelectronics AN2859 Datasheet HTML 8Page - STMicroelectronics AN2859 Datasheet HTML 9Page - STMicroelectronics AN2859 Datasheet HTML 10Page - STMicroelectronics AN2859 Datasheet HTML 11Page - STMicroelectronics AN2859 Datasheet HTML 12Page - STMicroelectronics AN2859 Datasheet HTML 13Page - STMicroelectronics AN2859 Datasheet HTML 14Page - STMicroelectronics AN2859 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
DocID15255 Rev 2
11/29
AN2859
VSTATE level definition
29
2
VSTATE level definition
According to the state of each AC switch, V0, V1, V2 and V3 levels are defined by equations
1, 2, 3 and 4 (see also Appendix B). In this document VAVF1_L and VAVF2_L are respectively
the STCCO81 and STCCO82 AVF output at the low level. The minimum and maximum
values of AVF at low level are respectively 0 V and 1 V.
Equation 1
ACS1 and ACS2 are on
Equation 2
ACS1 is on and ACS2 is off
Equation 3
ACS2 is on and ACS1 is off
Equation 4
ACS1 and ACS2 are off
The tolerance of the resistors (R1, R2, R3 and R4), the STCC08 output AVF signal electrical
dispersion and the DC power supply characteristics induce a dispersion on V0, V1, V2 and
V3 levels (see Table 2).
Knowing the previous equations 1, 2, 3 and 4, the resistors standard value and the
tolerance of the resistors, Vx_Max and Vx_Min (x = 0, 1, 2, or 3) values are defined
respectively by equations 5, 6, 7, 8, 9, 10, 11 and 12.
Table 2. Variation of the VSTATE signal according to the AC switch states
ACS1 state
ACS2 state
VSTATE status
ON
ON
V0_Min < VSTATE < V0_Max
ON
OFF
V1_Min < VSTATE < V1_Max
OFF
ON
V2_Min < VSTATE < V2_Max
OFF
OFF
V3_Max > VSTATE > V3_Min
()
4
2
4
AVF2_L
2
AVF1_L
0
R
R
·R
V
·R
V
V
+
+
=
()
4
2
1
2
1
AVF1_L
4
CC
1
R
R
R
R
R
·
V
·R
V
V
+
+
+
+
=
()
4
3
2
4
3
AVF2_L
2
CC
2
R
R
R
R
R
·
V
·R
V
V
+
+
+
+
=
CC
3
V
V
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com