Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN2991 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2991
Description  Single-phase induction motor drive for refrigerator compressor application
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2991 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2991 Datasheet HTML 5Page - STMicroelectronics AN2991 Datasheet HTML 6Page - STMicroelectronics AN2991 Datasheet HTML 7Page - STMicroelectronics AN2991 Datasheet HTML 8Page - STMicroelectronics AN2991 Datasheet HTML 9Page - STMicroelectronics AN2991 Datasheet HTML 10Page - STMicroelectronics AN2991 Datasheet HTML 11Page - STMicroelectronics AN2991 Datasheet HTML 12Page - STMicroelectronics AN2991 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Doc ID 15772 Rev 2
9/14
AN2991
Electronic thermostat versus mechanical thermostat
14
3
Electronic thermostat versus mechanical thermostat
3.1
Temperature regulation
One main advantage of electronic thermostats versus electromechanical ones, is their
adaptability. For mechanical thermostats, it is a gas compression and decompression that
switches the compressor on or off. This does not allow a hysteresis threshold adaptation
during the refrigerator operating cycle. Moreover, this gas effect yields to the fact that the
refrigerator may not work properly depending on the ambient atmospheric pressure.
For electronic thermostats, the temperature information is measured accurately and at all
times, contrary to electromechanical thermostats where the only available information is that
the temperature is over a fixed level or not. This enables the temperature fluctuation inside
the cabinet to be reduced with electronics.
A reduction of the temperature ripple presents three main advantages:
Better food preservation
Thermodynamic efficiency improvement (lower evaporator temperature ripple; higher
evaporator minimum temperature; better compressor use (see Section 3.2.2: Motor
duty cycle)
Compressor and evaporator downsizing
A particularly interesting feature can also be implemented thanks to electronics - the
hysteresis levels can be changed during the freezing process. This allows automatic
defrosting operations to be implemented. For example, Figure 9 shows that the upper
hysteresis level is increased every 8 cycles in order to let the evaporator temperature
become higher than 0°C. This allows the ice deposit on the evaporator to be removed. This
may be very helpful to increase the refrigerator efficiency as this ice layer plays a real
insulation role.
Figure 9. Temperature fluctuation and defrost cycle with electronic thermostat
0
20
40
60
80
100 120
140 160
180 200 220
240 260
-30
-25
-20
-15
-10
-5
0
5
10
15
20
Time (min)
Evaporator
Left side Cabinet
on/off
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com