Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3029 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3029
Description  Getting started with STM8L and STM8AL
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3029 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3029 Datasheet HTML 5Page - STMicroelectronics AN3029 Datasheet HTML 6Page - STMicroelectronics AN3029 Datasheet HTML 7Page - STMicroelectronics AN3029 Datasheet HTML 8Page - STMicroelectronics AN3029 Datasheet HTML 9Page - STMicroelectronics AN3029 Datasheet HTML 10Page - STMicroelectronics AN3029 Datasheet HTML 11Page - STMicroelectronics AN3029 Datasheet HTML 12Page - STMicroelectronics AN3029 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
DocID16139 Rev 5
9/42
AN3029
Analog-to-digital converter (ADC)
41
3
Analog-to-digital converter (ADC)
This section does not apply to STM8L101xx devices.
3.1
Analog power
For some packages, the ADC unit has an independent, analog supply voltage, isolated on
input pin VDDA, which allows the ADC to accept a very clean voltage source. This analog
voltage, VDDA, should be identical to the digital voltage supply on pin VDD. To filter some
noise, a ferrite bead can be added between VDD and VDDA. This ferrite bead should be
chosen according to the frequencies to be filtered.
Some packages also provide a separate external analog reference voltage input for the
ADC unit on the VREF+ pin. This gives better accuracy on low voltage input as follows:
•
The VREF+ pin can be connected to the VDDA external power supply. If a separate,
external reference voltage is applied on VREF+, a 100 nF and a 1 µF capacitor must be
connected on this pin. To compensate for peak consumption on VREF, the 1 µF
capacitor may be increased to 10 µF when the sampling speed is low. In all cases,
VREF+ must be kept between 2.4 V and VDDA. If VDDA is below 2.4, VREF+ must be
equal to VDDA. This input is internally bonded to VDDA in the devices that have no
internal VREF+ pin.
•
VREF- (input, analog reference negative): The lower/negative reference voltage is
internally bonded to VSSA.
3.2
Analog input
The devices include up to 28 analog input channels (including four fast channels), each
multiplexed with an I/O, which are converted by the ADC one at a time.
The external input impedance (RAIN) max value is 50 kΩ. The four fast channels can convert
at maximum speed (1 MHz) if RAIN is less than 0.5 kΩ.
Please refer to Figure 3.
Figure 3. Analog input interface
Please refer to the applicable datasheets and reference manuals for more details.
MS32530V1
Sample and hold
ADC converter
12-bit
converter
RADC
CADC
VT
0.6 V
VT
0.6 V
VDD
AINx
RAIN
Cparasitic
IL
VAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com