Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3050 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3050
Description  STBP120 overvoltage protection device
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3050 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3050 Datasheet HTML 1Page - STMicroelectronics AN3050 Datasheet HTML 2Page - STMicroelectronics AN3050 Datasheet HTML 3Page - STMicroelectronics AN3050 Datasheet HTML 4Page - STMicroelectronics AN3050 Datasheet HTML 5Page - STMicroelectronics AN3050 Datasheet HTML 6Page - STMicroelectronics AN3050 Datasheet HTML 7Page - STMicroelectronics AN3050 Datasheet HTML 8Page - STMicroelectronics AN3050 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AN3050
Description
Doc ID 16207 Rev 1
5/18
2
Description
The STBP120 provides robust protection for positive input voltage up to +28 V and is
capable of supporting current up to 2 A using a built-in low RDS(on) N-channel MOSFET and
charge pump. The overvoltage thresholds currently available are 5.375 V, 5.50 V, 5.90 V and
6.02 V.
As additional protection, the STBP120 also monitors its own junction temperature and turns
off the internal MOSFET if the temperature exceeds the specified threshold.
The STBP120 is equipped with the undervoltage lockout function preventing unreliable
operation of the protected application for low input voltage.
The STBP120 device can be controlled (enabled / disabled) by the microcontroller and
provides status information (input overvoltage, input undervoltage, thermal shutdown)
to the microcontroller.
The STBP120 requires only one external component (1 µF input capacitor improving the
ESD immunity and stability under input transients conditions), other components are
optional (see Figure 2).
It is offered in a small, RoHS compliant 10-lead TDFN package of 2.5 x 2 mm dimensions.
For more details, please refer to the STBP120 datasheet available on www.st.com.
Figure 1.
STBP120 block diagram
GND
FLT
EN
IN
OUT
COUNTERS
OFF
VREF
VCC
AM00306
CONTROL LOGIC
SUPPLY
REGULATOR
OSCILLATOR
CHARGE PUMP
MOSFET DRIVER
VOLTAGE
REFERENCE
Input overvoltage
Input undervoltage
Thermal shutdown
Temperature
detector
MCU
INTERFACE
ESD
protection
ESD
protection
ESD
protection
Core
negative
protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com