Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3070 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3070
Description  Managing the Driver Enable signal for RS-485 and IO-Link
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3070 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3070 Datasheet HTML 4Page - STMicroelectronics AN3070 Datasheet HTML 5Page - STMicroelectronics AN3070 Datasheet HTML 6Page - STMicroelectronics AN3070 Datasheet HTML 7Page - STMicroelectronics AN3070 Datasheet HTML 8Page - STMicroelectronics AN3070 Datasheet HTML 9Page - STMicroelectronics AN3070 Datasheet HTML 10Page - STMicroelectronics AN3070 Datasheet HTML 11Page - STMicroelectronics AN3070 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AN3070
Measuring the DE signal switching time using the two methods
Doc ID 16312 Rev 1
9/12
3.1.1
Measuring the DE signal switching time using the DMA interrupt
method
Table 1 gives the different timings measured at 72 MHz using the DMA interrupt method.
Table 2 gives the different timings measured at 24 MHz using the DMA interrupt method.
3.1.2
Measuring the DE signal switching time using the USART interrupt
method
Table 3 gives the different timings measured at 72 MHz using the USART interrupt method.
Table 4 gives the different timings measured at 24 MHz using the USART interrupt method.
Table 1.
Timing measurements of DE switching at 72 MHz
Compiler
Number of CPU cycles
IAR 5.40 / Keil 4.0
about 25
Table 2.
Timing measurements of DE switching at 24 MHz
Compiler
Number of CPU cycles
IAR 5.40 / Keil 4.0
about 22
Table 3.
Timing measurements of DE switching at 72 MHz
Compiler
Number of CPU cycles
IAR 5.40 / Keil 4.0
about 43
Table 4.
Timing measurements of DE switching at 24 MHz
Compiler
Number of CPU cycles
IAR 5.40 / Keil 4.0
about 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com