Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3154 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3154
Description  CAN protocol used in the STM32 bootloader
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3154 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3154 Datasheet HTML 18Page - STMicroelectronics AN3154 Datasheet HTML 19Page - STMicroelectronics AN3154 Datasheet HTML 20Page - STMicroelectronics AN3154 Datasheet HTML 21Page - STMicroelectronics AN3154 Datasheet HTML 22Page - STMicroelectronics AN3154 Datasheet HTML 23Page - STMicroelectronics AN3154 Datasheet HTML 24Page - STMicroelectronics AN3154 Datasheet HTML 25Page - STMicroelectronics AN3154 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Bootloader command set
AN3154
22/34
DocID017063 Rev 5
Figure 17. Write memory command: device side
The STM32 sends messages as follows:
ACK message: Std ID = 0x31, DLC = 1, data[0] = ACK if the content of the command is
correct else data[0] = NACK
ROP inactive?
Receive the ’data messages’ and
temporarily write the data to RAM
No
Yes
Start write memory
Yes
Received message
Send ACK message
Send ACK message
End of write memory
No
Yes
Send NACK message
If a message is corrupted
Write the received data to RAM
from the start address
Write the received data to RAM
from the start address
Write the received data to RAM
from the start address
ai15719b
Address in Flash ?
Address valid?
Write the received data to the
memory from the start address
Yes
No
Address in RAM ?
Write the received data to RAM
from the start address
Write the received data to RAM
from the start address
Write the received data to RAM
from the start address
Yes
No
Address= 0x1FFF F800 ?
Write the Keys for Option byte
area access
Write the received data to Option
area access from start address
Send ACK message
Generated system reset
No
with stdID
= 0x31?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com