Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1394 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1394
Description  7ns, Low Power, Single Supply, Ground-Sensing Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1394 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1394 Datasheet HTML 8Page - Linear Technology LT1394 Datasheet HTML 9Page - Linear Technology LT1394 Datasheet HTML 10Page - Linear Technology LT1394 Datasheet HTML 11Page - Linear Technology LT1394 Datasheet HTML 12Page - Linear Technology LT1394 Datasheet HTML 13Page - Linear Technology LT1394 Datasheet HTML 14Page - Linear Technology LT1394 Datasheet HTML 15Page - Linear Technology LT1394 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1394
Fast, High Impedance, Variable Threshold Trigger
A frequent requirement in instrumentation is a fast trigger
with a variable threshold. Often, a high impedance input is
also required. Figure 15 meets these requirements. Com-
parator C1 is the basic trigger, with threshold voltage set at
its negative input. Source follower Q1 provides high
impedance with about 2pF input capacitance and 50pA bias
current. Normally, Q1’s source bias point would be uncer-
tain and drifty, but stabilization techniques eliminate this
concern. A1 measures filtered versions of Q1’s gate and
source voltages. A1’s output biases Q2, forcing Q1’s
channel current to whatever value is required to equalize
A1’s inputs, and hence Q1’s gate and source voltages. A1’s
input filtering and roll-off are far slower than input frequen-
cies of interest; its action does not interfere with the
circuit’s main signal path. The 330pF capacitor prevents
fast edges coupled through Q2’s collector base junction
from influencing A1’s operation.
APPLICATIONS INFORMATION
Q1 should contribute negligible timing error to minimize
overall delay. Figure 16’s photo verifies Q1’s wideband
operation. Trace B, Q1’s source, lags the input (Trace A) by
only 300ps. Input, FET buffer output and C1 output appear
as Traces A, B and C, respectively in Figure 17. As before,
the FET buffer is seen to contribute small timing error, and
C1’s output is about 8ns delayed from the input.
–
+
C1
LT1394
–
+
A1
LT1097
10M
5V
VTRIG
±3V
0.01
µF
0.1
µF
OUTPUT
1394 F15
10k
Q2
2N3904
INPUT
±3V
Q1
2N5486
1.5k
–5V
0.1
µF
10M
100
Ω
330pF
Figure 15. Buffer Provides 2pF, 50pA Input Characteristics for
Fast Trigger. Amplifier-Stabilized Biasing Eliminates FET Offset
200ps/DIV
1394 F16
Figure 16. Trigger Buffer’s 300ps Delay Minimizes
Timing Error. 4GHz Sampling Oscilloscope’s Output Is
a Series of Dots
A = 1V/DIV
B = 1V/DIV
Figure 17. Input (Trace A), FET Source (Trace B)
and Output (Trace C) Waveforms for the Trigger.
Total Delay Is 8ns
10ns/DIV
1394 F17
A = 1V/DIV
B = 1V/DIV
C = 2V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com