Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3224 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3224
Description  Developing an application allowing PR101-USB and MR101-USB FEIG readers to communicate with M24LRXX transponders
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3224 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3224 Datasheet HTML 5Page - STMicroelectronics AN3224 Datasheet HTML 6Page - STMicroelectronics AN3224 Datasheet HTML 7Page - STMicroelectronics AN3224 Datasheet HTML 8Page - STMicroelectronics AN3224 Datasheet HTML 9Page - STMicroelectronics AN3224 Datasheet HTML 10Page - STMicroelectronics AN3224 Datasheet HTML 11Page - STMicroelectronics AN3224 Datasheet HTML 12Page - STMicroelectronics AN3224 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
AN3224
RF ISO 15693 commands
Doc ID 17559 Rev 2
9/49
2
RF ISO 15693 commands
RF ISO 15693 commands are sent by the host computer to the M24LRXX transponders via
the PR101-USB or MR101-USB reader RF interface. Two types of commands are available:
●
High-level commands (see Section 5)
The host sends an already formatted request sent to the transponders via the reader RF
interface. As an example, the High-level Inventory request launches an anticollision
sequence to identify all the transponders present in the RF field and sends back the UID
information to the host. Refer to http://www.feig.de for a description of the full set of high-
level commands supported by the readers.
●
Transparent commands (see Section 6).
RF Transparent commands are sent by the host to the transponders via the reader RF
interface. The Transparent commands transmit single or multiple frames compliant with
the ISO 15693 protocol. Refer to the MR101-USB datasheet for a detailed description
of the available Dual interface EEPROM command.
The transponders answers are sent back to the computer.
Examples are included to allow you using, modifying the RF requests sent to the
transponders, and decoding RF answers from the transponders. Both Visual Basic and
C/C++ examples are provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com