Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3240 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3240
Description  Ultrasound HV pulser demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3240 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3240 Datasheet HTML 5Page - STMicroelectronics AN3240 Datasheet HTML 6Page - STMicroelectronics AN3240 Datasheet HTML 7Page - STMicroelectronics AN3240 Datasheet HTML 8Page - STMicroelectronics AN3240 Datasheet HTML 9Page - STMicroelectronics AN3240 Datasheet HTML 10Page - STMicroelectronics AN3240 Datasheet HTML 11Page - STMicroelectronics AN3240 Datasheet HTML 12Page - STMicroelectronics AN3240 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AN3240
STHV748 PCB demo description
Doc ID 17689 Rev 1
9/32
3
STHV748 PCB demo description
The STHV748 PCB demo can drive four transducers as 4-channel transmitters/receivers for
ultrasound and other applications. The demo board consists of one STHV748 in a 64-lead
9x9x1 mm QFN package.
The STHV748 can deliver up to a ±2.0 A source and sink current to a capacitive transducer.
It is designed for medical ultrasound imaging and ultrasound material NDT applications.
The STHV748 output waveforms can be displayed directly for each channel Ch A/B/C/D
using an oscilloscope by connecting the scope probe to the J1, J2, J3, and J4 jumpers,
moreover, the user can select whether or not to connect the onboard equivalent load, a 300
pF 200 V capacitor paralleled with a 100
Ω, 2 W resistor (or alternatively, 200 Ω//50 pF -
200
Ω//250 pF - no-load). A coaxial cable can also be used to easily connect the user
transducer.
IN1/2/3/4, for each channel available in IC, is controlled via the 13 pins of the C1 (CONN1)
head connector on the board (34 pins).
The main issues in this PCB design are the capacitance values, to ensure good filtering and
an effective decoupling between the low voltage inputs (IN1, IN2, IN3, IN4, and EN for each
channel) and the HV switching signals (XDCR, HVOUT, etc.,) which is ensured by the layer
separation used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com