Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3248 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3248
Description  Using STM32L1 analog comparators in application cases
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3248 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3248 Datasheet HTML 1Page - STMicroelectronics AN3248 Datasheet HTML 2Page - STMicroelectronics AN3248 Datasheet HTML 3Page - STMicroelectronics AN3248 Datasheet HTML 4Page - STMicroelectronics AN3248 Datasheet HTML 5Page - STMicroelectronics AN3248 Datasheet HTML 6Page - STMicroelectronics AN3248 Datasheet HTML 7Page - STMicroelectronics AN3248 Datasheet HTML 8Page - STMicroelectronics AN3248 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AN3248
Analog voltage monitoring
Doc ID 17758 Rev 3
5/17
Figure 2 shows how to connect a sensor output to an STM32L1 device using comparator 1
(COMP1). COMP1 shares the same inputs as the ADC which reduces the number of
required pins. Nevertheless, the threshold is fixed to VREFINT.
Figure 2.
Sensor output connection to COMP1
1.
Legend for Figure 2
COMP1_INP/ADC CHx: comparator 1 non-inverting input shared with ADC channel x
2.
Only if required.
Figure 3 shows the gain in power consumption in an analog monitoring application.
Figure 3.
Power consumption in an analog voltage monitoring application
1.
Legend for Figure 3
S: Stop mode
R: Run mode
The input analog voltage can be connected either to PB4 or PB5. The analog threshold can
be provided internally through VREFINT and its submultiples or via an external pin through
PB3. DAC channel 1 and channel 2 (DAC_OUT1 and DAC_OUT2 respectively) cannot be
used in such application cases since the DAC channels are powered off in Stop mode.
Ai18734
Sensor
Analog
voltage
Amplifier (2)
Filter (2)
COMP1_INP/
ADC_CHx (1)
STM32L1 device
S
R
S
R
S
R
S
Input analog voltage
Analog threshold
Time
MCU state
Time
Time
MCU current consumption
Few mA
Few μA
ai17492



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com