Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3249 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3249
Description  M24LR series internal capacitance considerations for antenna tuning
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3249 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3249 Datasheet HTML 1Page - STMicroelectronics AN3249 Datasheet HTML 2Page - STMicroelectronics AN3249 Datasheet HTML 3Page - STMicroelectronics AN3249 Datasheet HTML 4Page - STMicroelectronics AN3249 Datasheet HTML 5Page - STMicroelectronics AN3249 Datasheet HTML 6Page - STMicroelectronics AN3249 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DocID017760 Rev 2
5/7
AN3249
Conclusion
7
To satisfy this condition, antenna inductance must satisfy the resonance criteria
LA • CS • ω2 = 1, where CS is the M24LR serial capacitance measured at the minimum
operating voltage 1.9 VPEAK (as shown in Figure 1, where CS is close to 29 pF at
1.9 VPEAK).
To demonstrate this, Figure 4 represents the M24LR RF Input voltage VAC0-AC1 as a
function of the RF voltage VOC available from the antenna for different inductive loop
antennas tuned respectively for CS1 < CS2, CS2 = 29 pF and CS3 > CS2.
The comparison graphics shown in Figure 4 assume using the same antenna dimensions
and number of turns.
Figure 4. M24LR RF input voltage different antenna inductance
As shown in Figure 4, the minimum RF voltage VOC for which VAC0-AC1 is above 1.9 VPEAK
(and consequently maximum distance at which the M24LR can operate) is reached for an
antenna inductance LA designed for CS = 29 pF.
4
Conclusion
Taking into account this information, STMicroelectronics recommends designing antennas
for the M24LR series using CS = 29 pF as a reference value, instead of the value specified
in the datasheet which corresponds to production test conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com