Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3317 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3317
Description  PCB guidelines for SPEAr1340
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3317 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3317 Datasheet HTML 5Page - STMicroelectronics AN3317 Datasheet HTML 6Page - STMicroelectronics AN3317 Datasheet HTML 7Page - STMicroelectronics AN3317 Datasheet HTML 8Page - STMicroelectronics AN3317 Datasheet HTML 9Page - STMicroelectronics AN3317 Datasheet HTML 10Page - STMicroelectronics AN3317 Datasheet HTML 11Page - STMicroelectronics AN3317 Datasheet HTML 12Page - STMicroelectronics AN3317 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
AN3317
DDR memory interface
Doc ID 18249 Rev 2
9/22
5
DDR memory interface
5.1
DRAM power decoupling
A low impedance, wide bandwidth power delivery network (PDN) is critical for the proper
operation of high-speed ICs such as SPEAr and DDR memory. If the PDN impedance is too
high or does not have sufficient bandwidth, logic performance is affected. This results in
ground and rail bounce, and slower rise and fall times of both IO and internal logic, which in
turn results in delayed timing of events. These timing delays from inadequate ground and
power subtract directly from the specified timing budget, which can result in interface failure.
To achieve a low impedance wide bandwidth power delivery network, use the appropriate
decoupling capacitors and capacitor layout. A large portion of the power delivery network’s
frequency spectrum is above the decoupling capacitor’s series resonant frequency, where
they are inductive. The PCB layout for decoupling capacitors is also inductive, and is a
larger inductance than that of the capacitors themselves.
For IC core voltage and high-speed IO supplies (such as DDR) select:
●
capacitors with low inherent inductance (small package size)
●
a lossy dielectric
●
a PCB layout that provides the lowest possible inductance
Use as many capacitors as can fit in the space available. This creates many parallel paths,
reducing the overall inductance seen by the IC. A small capacitor package size and a small
layout enable this.
5.1.1
Capacitors
See also, Appendix A: Low-inductance capacitor layout in high-frequency applications
Package: Use 0402 package size to minimize mounting inductance. The small 0402
package also frees board space, which is essential in high density areas for more
decoupling capacitors and signal routing.
Capacitance: 100 nF or larger
A few capacitors of smaller value will probably be necessary for plane resonance
suppression. The correct values for these depend on the board layout and stack up, and
must be determined individually for each unique PC board.
Dielectric: X7R or X5R dielectric. Do not use Y5V dielectric for decoupling mid-frequency
applications.
Decoupling capacitor layout
Decoupling capacitors layout is extremely important to minimize the induction loop formed
between the capacitor and the IC power and ground balls. Using the layout guidelines that
follow can reduce the capacitor mounting induction loop by 50% or more over a layout with
vias at the end of the capacitor lands. If space allows, a second pair of vias on the opposite
side of the capacitor will reduce the inductance further. Closely follow the decoupling layout
example on page 10.
●
Place vias on the side of the capacitor lands, not on the ends.
●
Locate vias at minimum keepout distance, and connect them to the capacitor lands with
a wide trace – at least as wide as the via pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com