Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3355 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3355
Description  Designing an application board compatible with either
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3355 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3355 Datasheet HTML 3Page - STMicroelectronics AN3355 Datasheet HTML 4Page - STMicroelectronics AN3355 Datasheet HTML 5Page - STMicroelectronics AN3355 Datasheet HTML 6Page - STMicroelectronics AN3355 Datasheet HTML 7Page - STMicroelectronics AN3355 Datasheet HTML 8Page - STMicroelectronics AN3355 Datasheet HTML 9Page - STMicroelectronics AN3355 Datasheet HTML 10Page - STMicroelectronics AN3355 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AN3355
Summary
Doc ID 018544 Rev 2
9/11
3
Summary
When designing an application board that will accept either M24LRxx-R or M24LRxxE-R,
the following rules should be kept in mind:
M24LRxx-R
The Device Select byte (first byte transmitted by the I²C-bus master selecting the device to
be accessed) is defined as shown in Table 3.
The inputs E0,E1 have to be defined as 0,0 (which is the case when the E0,E1 pins are left
unconnected). The Device Select byte is therefore:
●
either 1.0.1.0. 0.0.0.RW (where RW is the Read/Write bit) when addressing data in the
memory array,
●
or 1.0.1.0. 1.0.0.RW (where RW is the Read/Write bit) when addressing the system
parameter sector.
M24LRxxE-R
In this case of PCB implementation, the E0 and E1 inputs are connected to the power
supply management block and the WIP/Busy output is connected to a high impedance
input, as shown in Figure 2.
The Device Select byte (first byte transmitted by the I²C-bus master) defines the device to be
selected. The Device Select byte is defined as shown in the following table.
The Device Select byte is therefore:
●
either 1.0.1.0. 0.1.1.RW (where RW is the Read/Write bit) when addressing data in the
memory array,
●
or 1.0.1.0. 1.1.1.RW (where RW is the Read/Write bit) when addressing the system
parameter sector.
Table 3.
M24LRxx-R Device Select byte
Device type identifier(1)
1.
The most significant bit, b7, is sent first.
Chip Enable address(2)
2.
E0 and E1 are compared against the respective external pins on the memory device.
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device select code
1010
E2(3)
3.
E2 selects either the memory of the system sector.
E1
E0
RW
Table 4.
M24LRxxE-R Device Select byte
Device type identifier(1)
1.
The most significant bit, b7, is sent first.
Chip Enable address
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device select code
1010
E2(2)
2.
E2 selects either the memory of the system sector.
11
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com