Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3422 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 28Page - STMicroelectronics AN3422 Datasheet HTML 29Page - STMicroelectronics AN3422 Datasheet HTML 30Page - STMicroelectronics AN3422 Datasheet HTML 31Page - STMicroelectronics AN3422 Datasheet HTML 32Page - STMicroelectronics AN3422 Datasheet HTML 33Page - STMicroelectronics AN3422 Datasheet HTML 34Page - STMicroelectronics AN3422 Datasheet HTML 35Page - STMicroelectronics AN3422 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
Peripheral migration
AN3422
32/52
Doc ID 018976 Rev 2
4.9
FLASH
The table below presents the difference between the FLASH interface of STM32F1 series
and STM32L1 series, which can be grouped as follows:
New interface, new technology
New architecture
New read protection mechanism, 3 read protection levels with JTAG fuse
Consequently the L1 Flash programming procedures and registers are different from the F1
series, and any code written for the Flash interface in the F1 series needs to be rewritten to
run on L1 series.
For more information on programming, erasing and protection of the L1 Flash memory,
please refer to the STM32L1xx Flash programming manual (PM0062).
Table 12.
FLASH differences between STM32F1 series and STM32L1 series
Feature
STM32F1 series
STM32L1 series
Wait State
up to 2
up to 1 (depending on the
supply voltage)
Main/Program
memory
Start Address
0x0800 0000
0x0800 0000
End Address
up to 0x080F FFFF
up to 0x0805 FFFF
Granularity
Page size = 2 Kbytes
except for Low and Medium
density page size = 1 Kbytes
Sector size = 4 Kbytes:
16 Pages of 256 bytes
EEPROM memory
Start Address
Available through SW emulation
(1)
0x0808 0000
End Address
0x0808 2FFF
System memory
Start Address
0x1FFF F000
0x1FF0 0000
End Address
0x1FFF F7FF
0x1FF0 1FFF
Option Bytes
Start Address
0x1FFF F800
0x1FF8 0000/0x1FF8 0080
End Address
0x1FFF F80F
0x1FF8001F/0x1FF8 009F
OTP
Start Address
NA
NA
End Address
Flash interface
Start address
0x4002 2000
0x4002 3C00
Programming
procedure
Same for all product lines
Different from F1 series
Erase granularity
Page (1 or 2 Kbytes)
Program memory: Page (256
bytes)
DATA EEPROM memory: byte/
halfword/ word / double word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com