Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN3433 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3433
Description  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 25Page - STMicroelectronics AN3433 Datasheet HTML 26Page - STMicroelectronics AN3433 Datasheet HTML 27Page - STMicroelectronics AN3433 Datasheet HTML 28Page - STMicroelectronics AN3433 Datasheet HTML 29Page - STMicroelectronics AN3433 Datasheet HTML 30Page - STMicroelectronics AN3433 Datasheet HTML 31Page - STMicroelectronics AN3433 Datasheet HTML 32Page - STMicroelectronics AN3433 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
AN3433
Example of CR95HF tag detection calibration process
Doc ID 019046 Rev 2
29/34
Appendix C
Example of CR95HF tag detection calibration
process
From this Revision 1.1, we can directly use the CR95HF reply during Tag Detection
Calibration or Tag Detection sequences and avoid using the RDREG command.
This is a dichotomic approach to quickly converge to the DacDataRef value for which a
wakeup event switches from tag detection to timeout. In this process, only the DacDataH
parameter is changed in successive Idle commands. And we look at the wakeup event reply
to decide the next step.
<<< 00 01 02 corresponds to a Tag Detection (WakeUp_n = 2)
<<< 00 01 01 corresponds to a Timeout (WakeUp_n = 1)
REM, Tag Detection Calibration Test
REM,
Sequence: Power-up Tag Detect Wake-up by Tag Detect (1 try
measurement greater or equal to DacDataH) or Timeout
REM,
CMD 07 0E 03 A100 F801 1800 20 60 60 00 XX 3F 01
REM,
03
WU source = TagDet or Timeout
REM,
A100
Initial Dac Compare
REM,
F801
Initial Dac Compare
REM,
1800
HFO
REM,
20 WuPeriod = 32, Inactivity period = 256ms (LFO @ 32kHz)
REM,
60 Osc
3ms
(LFO @ 32kHz)
REM,
60 Dac
3ms
(LFO @ 32kHz)
REM,
00
DacDataL
= minimum level (floor)
REM,
xx
DacDataH 00 = minimum level (ceiling)
REM,
3F
Swing 13.56
4.6 us
REM,
01 Maximum number of Sleep before Wakeup 2
REM, Tag Detection Calibration Test
REM, During tag detection calibration process DacDataL = 0x00
REM, We execute several tag detection commands with different
DacDataH values to determine DacDataRef level corresponding to
CR95HF application set-up
REM, DacDataReg value corresponds to DacDataH value for which Wake-
up event switches from Timeout (0x01) to Tag Detect (0x02)
REM, Wake-up event
= Timeout
when
DacDataRef is between DacDataL
and DacDataH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com