Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PM0063 Datasheet(PDF) 12 Page - STMicroelectronics

Part # PM0063
Description  STM32F100xx value line Flash programming
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0063 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button PM0063 Datasheet HTML 8Page - STMicroelectronics PM0063 Datasheet HTML 9Page - STMicroelectronics PM0063 Datasheet HTML 10Page - STMicroelectronics PM0063 Datasheet HTML 11Page - STMicroelectronics PM0063 Datasheet HTML 12Page - STMicroelectronics PM0063 Datasheet HTML 13Page - STMicroelectronics PM0063 Datasheet HTML 14Page - STMicroelectronics PM0063 Datasheet HTML 15Page - STMicroelectronics PM0063 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Reading/programming the STM32F100xx embedded Flash memory
PM0063
12/30
Doc ID 16211 Rev 2
In case of non-availability of a high frequency clock in the system, Flash memory accesses
can be made on a half cycle of HCLK (AHB clock), the frequency of HCLK permitting (half-
cycle access can only be used with a low-frequency clock of less than 8 MHz that can be
obtained with the use of HSI or HSE but not of PLL). This mode can be chosen by setting a
control bit in the Flash access control register.
Note:
Half-cycle access cannot be used when there is a prescaler different from 1 on the AHB
clock.
2.2.2
D-Code interface
The D-Code interface consists of a simple AHB interface on the CPU side and a request
generator to the Arbiter of the Flash access controller. D-code accesses have priority over
prefetch accesses.
2.2.3
Flash access controller
Mainly, this block is a simple arbiter between the read requests of the I-code and D-Code
interfaces.
D-Code interface requests have priority over I-Code requests.
2.3
Flash program and erase controller (FPEC)
The FPEC block handles the program and erase operations of the Flash memory. The
FPEC consists of seven 32-bit registers.
FPEC key register (FLASH_KEYR)
Option byte key register (FLASH_OPTKEYR)
Flash control register (FLASH_CR)
Flash status register (FLASH_SR)
Flash address register (FLASH_AR)
Option byte register (FLASH_OBR)
Write protection register (FLASH_WRPR)
An ongoing Flash memory operation will not block the CPU as long as the CPU does not
access the Flash memory.
2.3.1
Key values
The key values are as follows:
RDPRT key = 0x00A5
KEY1 = 0x45670123
KEY2 = 0xCDEF89AB
2.3.2
Unlocking the Flash memory
After reset, the FPEC block is protected. The FLASH_CR register is not accessible in write
mode. An unlocking sequence should be written to the FLASH_KEYR register to open up
the FPEC block. This sequence consists of two write cycles, where two key values (KEY1
and KEY2) are written to the FLASH_KEYR address (refer to Section 2.3.1 for key values).
Any wrong sequence locks up the FPEC block and FLASH_CR register until the next reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com