Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UM0375 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0375
Description  STR9 LCD extension board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0375 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0375 Datasheet HTML 1Page - STMicroelectronics UM0375 Datasheet HTML 2Page - STMicroelectronics UM0375 Datasheet HTML 3Page - STMicroelectronics UM0375 Datasheet HTML 4Page - STMicroelectronics UM0375 Datasheet HTML 5Page - STMicroelectronics UM0375 Datasheet HTML 6Page - STMicroelectronics UM0375 Datasheet HTML 7Page - STMicroelectronics UM0375 Datasheet HTML 8Page - STMicroelectronics UM0375 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UM0375
STR9 LCD extension
5/9
Any LCD (3.3 or 5 V) which is compatible with this pinout can be used. Software adaptation
for each type of LCD is required.
-
P97
DB7
-
DB5
-
DB7
-
DB5
RST
-
SW15
A
P35
DB6
2-3
DB6
1-2
CS1
2-3
DB6
2-3
RW
2-3
SW16
K
P36
DB7
2-3
DB7
1-2
CS2
2-3
DB7
2-3
DI
2-3
SW17
A
P37
A
1-2
A
1-2
RST
2-3
RST
2-3
E
2-3
SW18
K
Vee
K
1-2
K
1-2
Vee
2-3
Vee
2-3
Vee
2-3
-
A
-
-
-
-
A-A-
A
-
SW20
-
K
-
-
-
-
K
2-3
K
2-3
K
2-3
SW35
GND
Vee
GND
1-2
GND
1-2
Vee
2-3
Vee
2-3
Vee
2-3
Table 1.
Extension board configuration according to LCD types (continued)
SWITCH POS.
CONF. A
CONF. B
CONF. C
CONF. D
CONF. E
NAME
1-2
2-3
PIN
SW
PIN
SW
PIN
SW
PIN
SW
PIN
SW
Table 2.
Supported displays (provided by ELATEC)
Configuration
Displays
CONF. A
TEXT: EL0801x, EL0802x, EL1601x, EL1602x,
EL1604x, EL2002x, EL2004x(1)
GRAPHIC: EL16032x
CONF. B
GRAPHIC: EL12232A
CONF. C
GRAPHIC: EL12864A
CONF. D
GRAPHIC: EL12864B
CONF. E
GRAPHIC: EL12864H
1.
* Not all LCD displays have a 20-pin connector. If these cases, the board should be connected from the left-most pin
(viewed from top). This may leave some pins unconnected, noting that A / K are not obligatory.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com