Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1398 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1398
Description  Low Cost Dual and Triple 300MHz Current Feedback Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1398 Datasheet(HTML) 4 Page - Linear Technology

  LT1398 Datasheet HTML 1Page - Linear Technology LT1398 Datasheet HTML 2Page - Linear Technology LT1398 Datasheet HTML 3Page - Linear Technology LT1398 Datasheet HTML 4Page - Linear Technology LT1398 Datasheet HTML 5Page - Linear Technology LT1398 Datasheet HTML 6Page - Linear Technology LT1398 Datasheet HTML 7Page - Linear Technology LT1398 Datasheet HTML 8Page - Linear Technology LT1398 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1398/LT1399/LT1399HV
sn13989 13989fas
The q denotes specifications which apply over the specified operating temperature range, otherwise specifications are at TA = 25°C.
For each amplifier: VCM = 0V, VS = ±7.5V, EN = 0V, pulse tested, unless otherwise noted. (Note 4)
ELECTRICAL C
C
HARA TERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
1.5
10
mV
q
12
mV
∆VOS/∆T Input Offset Voltage Drift
q
15
µV/°C
IIN
+
Noninverting Input Current
10
25
µA
q
30
µA
IIN–
Inverting Input Current
10
50
µA
q
60
µA
en
Input Noise Voltage Density
f = 1kHz, RF = 1k, RG = 10Ω, RS = 0Ω, VS = ±5V
4.5
nV/
√Hz
+in
Noninverting Input Noise Current Density
f = 1kHz, VS = ±5V
6
pA/
√Hz
–in
Inverting Input Noise Current Density
f = 1kHz, VS = ±5V
25
pA/
√Hz
RIN
Input Resistance
VIN = ±6V
q
0.3
1
M
CIN
Input Capacitance
Amplifier Enabled
2.0
pF
Amplifier Disabled
2.5
pF
COUT
Output Capacitance
Amplifier Disabled
8.5
pF
VINH
Input Voltage Range, High
VS = ±7.5V
q
6
6.5
V
VS = 7.5V, 0V
6.5
V
VINL
Input Voltage Range, Low
VS = ±7.5V
q
–6
–6.5
V
VS = 7.5V, 0V
1.0
V
VOUTH
Maximum Output Voltage Swing, High
VS = ±7.5V, RL = 100k
6.4
6.7
V
VS = ±7.5V, RL = 100k
q
6.1
V
VS = 7.5V, 0V; RL = 100k
6.7
V
VOUTL
Maximum Output Voltage Swing, Low
VS = ±7.5V, RL = 100k
– 6.4
– 6.7
V
VS = ±7.5V, RL = 100k
q
– 6.1
V
VS = 7.5V, 0V; RL = 100k
0.8
V
VOUTH
Maximum Output Voltage Swing, High
VS = ±7.5V, RL = 150Ω
5.4
5.8
V
VS = ±7.5V, RL = 150Ω
q
5.1
V
VS = 7.5V, 0V; RL = 150Ω
5.8
V
VOUTL
Maximum Output Voltage Swing, Low
VS = ±7.5V, RL = 150Ω
– 5.4
– 5.8
V
VS = ±7.5V, RL = 150Ω
q
– 5.1
V
VS = 7.5V, 0V; RL = 150Ω
0.6
V
CMRR
Common Mode Rejection Ratio
VCM = ±6V
q
42
52
dB
–ICMRR
Inverting Input Current
VCM = ±6V
10
16
µA/V
Common Mode Rejection
VCM = ±6V
q
22
µA/V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±7.5V, EN = V
q
56
70
dB
+IPSRR
Noninverting Input Current
VS = ±2V to ±7.5V, EN = V
12
µA/V
Power Supply Rejection
q
3
µA/V
–IPSRR
Inverting Input Current
VS = ±2V to ±7.5V, EN = V
q
27
µA/V
Power Supply Rejection
AV
Large-Signal Voltage Gain
VOUT = ±4.5V, RL = 150Ω
50
65
dB
ROL
Transimpedance,
∆VOUT/∆IIN
VOUT = ±4.5V, RL = 150Ω
40
100
k
IOUT
Maximum Output Current
RL = 0Ω
q
80
mA
IS
Supply Current per Amplifier
VOUT = 0V
q
4.6
7
mA
Disable Supply Current per Amplifier
EN Pin Voltage = 7V, RL = 150Ω
q
0.1
100
µA
IEN
Enable Pin Current
30
110
µA
q
200
µA
(LT1399HV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com