Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4013 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4013
Description  The purpose of this document
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4013 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4013 Datasheet HTML 5Page - STMicroelectronics AN4013 Datasheet HTML 6Page - STMicroelectronics AN4013 Datasheet HTML 7Page - STMicroelectronics AN4013 Datasheet HTML 8Page - STMicroelectronics AN4013 Datasheet HTML 9Page - STMicroelectronics AN4013 Datasheet HTML 10Page - STMicroelectronics AN4013 Datasheet HTML 11Page - STMicroelectronics AN4013 Datasheet HTML 12Page - STMicroelectronics AN4013 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
DocID022500 Rev 4
9/37
AN4013
General-purpose timer modes
36
2
General-purpose timer modes
General-purpose timers can be programmed to work in one of the following configurations.
2.1
Clock input sources
The timer can be synchronized by several clocks simultaneously:
Internal clock
External clock
–
External mode1 (TI1 or TI2 pins)
–
External clock mode2 (ETR pin)
–
Internal trigger clock (ITRx)
2.1.1
Internal clock
The timer is clocked by default by the internal clock provided from the RCC. To select this
clock source, the SMCR_SMS (if present) bits should be reset.
2.1.2
External clock
The external clock timer is divided in two categories:
External clock connected to TI1 or TI2 pins
External clock connected to ETR pin
In these cases, the clock is provided by an external signal connected to TIx pins or ETR pin.
The maximum external clock frequency should be verified.
Note:
1
In addition to all these clock sources, the timer should be clocked with the APBx clock.
2
The external clocks are not directly feeding the prescaler, but they are first synchronized
with the APBx clock through dedicated logical blocks.
External clock mode1 (TI1 or TI2 pins)
In this mode the external clock will be applied on timer input TI1 pin or TI2 pin. To do this:
1.
Configure the timers to use the TIx pin as input:
a)
Select the pin to be used by writing CCxS bits in the TIMx_CCMR1 register.
b)
Select the polarity of the input:
For the STM32F100/101/102/103/105/107 lines: by writing CCxP in the
TIMx_CCER register to select the rising or the falling edge;
For the other series & lines: by writing CCxP and CCxNP in the TIMx_CCER
register to select the rising/falling edge, or both edges(a).
a. For the STM32F100/101/102/103/105/107 lines, polarity selection for both edges can be achieved by using
TI1F_ED, but only for TI1 input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com