Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4067 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4067
Description  Microcontrollers of STM32F0x1
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4067 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4067 Datasheet HTML 3Page - STMicroelectronics AN4067 Datasheet HTML 4Page - STMicroelectronics AN4067 Datasheet HTML 5Page - STMicroelectronics AN4067 Datasheet HTML 6Page - STMicroelectronics AN4067 Datasheet HTML 7Page - STMicroelectronics AN4067 Datasheet HTML 8Page - STMicroelectronics AN4067 Datasheet HTML 9Page - STMicroelectronics AN4067 Datasheet HTML 10Page - STMicroelectronics AN4067 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DocID022913 Rev 2
7/27
AN4067
Internal RC oscillator calibration
26
3
Internal RC oscillator calibration
The frequency of the internal RC oscillators may vary from one chip to another due to
manufacturing process variations. For this reason, HSI and HSI14 RC oscillators are
factory-calibrated by STMicroelectronics to have a 1% accuracy at TA = 25 °C. HSI48
oscillator is factory calibrated to have ~3% accuracy at TA = 25 °C.After reset, the factory
calibration value is automatically loaded in the internal calibration bits.
The frequency of the internal RC oscillators can be fine-tuned to achieve a better accuracy
with wider temperature and supply voltage ranges. The trimming bits are used for this
purpose.
For the HSI oscillator, the calibration value is loaded in HSICAL[7:0] bits after reset. Five
trimming bits HSITRIM[4:0] are used for fine-tuning. The default trimming value is 16. An
increase/decrease in this trimming value causes an increase/decrease in HSI frequency.
The HSI oscillator is fine-tuned in steps of 1% (around 40 kHz).
Writing a trimming value, in the range of 17 to 31, increases the HSI frequency.
Writing a trimming value, in the range of 0 to 15, decreases the HSI frequency.
Writing a trimming value, equal to 16, causes the HSI frequency to keep its default
value.
Figure 2 shows the HSI oscillator behavior versus the calibration value. The HSI oscillator
frequency increases with the calibration value (calibration value = default HSICAL[7:0] +
HSITRIM[4:0]), except at modulo 16. At these calibration values, the negative steps can
reach three times the positive steps.
Figure 2. HSI oscillator trimming characteristics
For the HSI14 (14 MHz) oscillator, The calibration value is loaded in HSI14CAL[7:0] bits
after reset. Five trimming bits HSI14TRIM[4:0] are used for fine-tuning. The default trimming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com