Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4073 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4073
Description  How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4073 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4073 Datasheet HTML 1Page - STMicroelectronics AN4073 Datasheet HTML 2Page - STMicroelectronics AN4073 Datasheet HTML 3Page - STMicroelectronics AN4073 Datasheet HTML 4Page - STMicroelectronics AN4073 Datasheet HTML 5Page - STMicroelectronics AN4073 Datasheet HTML 6Page - STMicroelectronics AN4073 Datasheet HTML 7Page - STMicroelectronics AN4073 Datasheet HTML 8Page - STMicroelectronics AN4073 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
DocID022945 Rev 5
5/32
AN4073
List of figures
5
List of figures
Figure 1.
Graphical representation of averaging technique . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 2.
Averaging of N sample algorithm . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Averaging of N-X ADC sample algorithm . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4.
Histogram graphical representation versus code dispersion . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 5.
Distribution of ADC codes when ART is ON and VIN = 0.3 V . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 6.
Distribution of ADC codes when ART is OFF and VIN = 1.65 V . . . . . . . . . . . . . . . . . . . . . 14
Figure 7.
Distribution of ADC codes when (D+I) cache ON + prefetch OFF VIN = 0.3 V. . . . . . . . . . 15
Figure 8.
Distribution of ADC codes when (D+I) cache ON + prefetch OFF VIN = 1.65 V. . . . . . . . . 16
Figure 9.
Distribution of ADC codes when (D+I) cache ON + prefetch OFF VIN = 3 V . . . . . . . . . . . 16
Figure 10.
Distribution of ADC codes when ART is ON and VIN = 0.3 V . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 11.
Distribution of ADC codes when ART is OFF and VIN = 1.65 V . . . . . . . . . . . . . . . . . . . . . 22
Figure 12.
Distribution of ADC codes when (D+I) cache ON + Prefetch OFF VIN=0.3 V. . . . . . . . . . . 23
Figure 13.
Distribution of ADC codes when (D+I) cache ON + Prefetch OFF VIN = 1.65V . . . . . . . . . 24
Figure 14.
Distribution of ADC codes when (D+I) cache ON + Prefetch OFF VIN = 3 V . . . . . . . . . . . 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com