Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UM0629 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0629
Description  STM8L101-EVAL evaluation board
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0629 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0629 Datasheet HTML 10Page - STMicroelectronics UM0629 Datasheet HTML 11Page - STMicroelectronics UM0629 Datasheet HTML 12Page - STMicroelectronics UM0629 Datasheet HTML 13Page - STMicroelectronics UM0629 Datasheet HTML 14Page - STMicroelectronics UM0629 Datasheet HTML 15Page - STMicroelectronics UM0629 Datasheet HTML 16Page - STMicroelectronics UM0629 Datasheet HTML 17Page - STMicroelectronics UM0629 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
STM8L1/L2 motherboard
UM0629
14/26
Doc ID 15312 Rev 2
2.14
SWIM connectors CN5 and CN6
CN6 is a low cost 2.54 mm pitch connector to be used by customers who do not have the
ERNI cable.
Figure 7.
SWIM debugging connector CN5 viewed from above PCB
Table 9.
Daughterboard extension connector CN4
Pin number
Description
Pin number
Description
1
GND
2
PC3
3PC24PC1
5PC0
6
Reserved
7
Reserved
8
Reserved
9
Reserved
10
GND
11
RESET#
12
Reserved
13
Reserved
14
Reserved
15
PD7
16
Reserved
17
PD5
18
PD6
19
D5V
20
PD4
21
NC
22
PB7
23
NC
24
MCU_VDD
25
PB6
26
PB5
27
PB4
28
Reserved
29
Reserved
30
GND
31
Reserved
32
Reserved
33
Reserved
34
Reserved
35
Reserved
36
Reserved
Table 10.
SWIM debugging connectors CN5 and CN6
Pin number
Description
Pin number
Description
1VDD
2
PA0
3
GND
4
RESET#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com