Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UM0842 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM0842
Description  EVALSPEAr320PLC evaluation board for the SPEAr320
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0842 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM0842 Datasheet HTML 5Page - STMicroelectronics UM0842 Datasheet HTML 6Page - STMicroelectronics UM0842 Datasheet HTML 7Page - STMicroelectronics UM0842 Datasheet HTML 8Page - STMicroelectronics UM0842 Datasheet HTML 9Page - STMicroelectronics UM0842 Datasheet HTML 10Page - STMicroelectronics UM0842 Datasheet HTML 11Page - STMicroelectronics UM0842 Datasheet HTML 12Page - STMicroelectronics UM0842 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
UM0842
Getting started
Doc ID 16542 Rev 4
9/50
4
Getting started
4.1
Unpacking
Warning:
This board contains static sensitive devices.
The EVALSPEAr320PLC evaluation board is shipped in protective anti-static packaging. Do
not submit the board to high electrostatic potentials, and follow good practices for working
with static sensitive devices.
G
Wear an anti-static wristband
. Wearing a simple anti-static wristband can help
prevent ESD from damaging the board.
G
Zero potential
. Always touch a grounded conducting material before handling the
board, and periodically while handling it.
G
Use an anti-static mat
. When configuring the board, place it on and anti-static mat to
reduce the possibility of ESD damage.
G
Handle only the edges
. Handle the board by its edges only, and avoid touching board
components.
4.2
Connecting
1.
Connect a serial cable from the application board (connector CN13: RS232_0/UART0)
to a host PC (see Figure 4: Application board layout).
2.
On a host PC running Windows or Linux, start the Terminal program.
3.
Connect a power supply to the SPEAr320 PLC evaluation board as described in
Section 5.5: Power supply on page 14.
4.
Power on the board. The Terminal program displays a sequence of boot messages
followed by the Linux console prompt.
For more information, refer to user manual UM0844 "Getting started with Linux for SPEAr"
available at www.st.com/spear.
4.3
Bootinging
The SPEAr320 PLC evaluation board can boot a Linux kernel pre-installed in the serial NOR
Flash.
At power on, the serial port outputs a brief header message with some uBoot information
(uBoot version, SDK version, and some internal hardware information). At this point you can
choose to:
G
Stop the system directly in uBoot
: Press the spacebar on the host computer
keyboard before the boot delay time expires (default is 3 seconds).
G
Boot Linux
: The system logs you in automatically as super user and the Linux shell
prompt displays on the screen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com