Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4133 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4133
Description  Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4133 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4133 Datasheet HTML 12Page - STMicroelectronics AN4133 Datasheet HTML 13Page - STMicroelectronics AN4133 Datasheet HTML 14Page - STMicroelectronics AN4133 Datasheet HTML 15Page - STMicroelectronics AN4133 Datasheet HTML 16Page - STMicroelectronics AN4133 Datasheet HTML 17Page - STMicroelectronics AN4133 Datasheet HTML 18Page - STMicroelectronics AN4133 Datasheet HTML 19Page - STMicroelectronics AN4133 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Transmitter
AN4133
16/35
Doc ID 023362 Rev 1
Figure 10.
Low-power radio station channel mask of a radio channel whose frequency is from
920.5 MHz to 922.3 MHz
Figure 11.
Low-power radio station channel mask of a radio channel at 921.5 MHz
200 kHz
200 kHz
(200 x n) kHz
20
10
0
-10
-20
-30
-40
-50
Lower adjacent
unit channel
Upper adjacent
unit channel
fc
(Center frequency)
fc-200-100x(n-1)
fc+200+100x(n-1)
Unit:
kHz
Unit: dBm/100kHz
Power at the edge:
-7 dBm or less
Spurious emission strength
(920.3 MHz to 924.3 MHz)
-36 dBm/100 kHz
Adjacent channel
leakage power:
-15 dBm or less
(If the case of 1 mW
or less, -26 dBm or
less)
-60
-50
-40
-30
-20
-10
0
10
20
30
9.210E+08
9.211E+08
9.212E+08
9.213E+08
9.214E+08
9.215E+08
9.216E+08
9.217E+08
9.218E+08
9.219E+08
9.220E+08
Frequency [Hz]
Low-power radio station 7 dBm 920.5 MHz to 922.3 MHz bandwidth
Spirit
ARIB Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com