Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4232 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4232
Description  Getting started with analog comparators for STM32F3 series
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4232 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4232 Datasheet HTML 2Page - STMicroelectronics AN4232 Datasheet HTML 3Page - STMicroelectronics AN4232 Datasheet HTML 4Page - STMicroelectronics AN4232 Datasheet HTML 5Page - STMicroelectronics AN4232 Datasheet HTML 6Page - STMicroelectronics AN4232 Datasheet HTML 7Page - STMicroelectronics AN4232 Datasheet HTML 8Page - STMicroelectronics AN4232 Datasheet HTML 9Page - STMicroelectronics AN4232 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Overview of analog comparators
AN4232
6/17
DocID024134 Rev 2
Figure 2. Waveform of a comparator output with and without an hysteresis
1.2
Propagation delay (response time)
Another important feature of the analog comparator is the propagation delay. This delay is
defined as the time between the moment the input signal crosses the threshold and the
moment the output state changes (usually when the output reaches 50% of VDD). There is a
trade off between the comparator propagation delay and the power consumption: the faster
the comparator goes, the more it consumes power.
In STM32F302xB/C, STM32F303xB/C and STM32F37x devices, the operation mode
(speed/power consumption) is configurable making it useful for both low-power applications
(such as voltage monitoring) and critical time applications (such as motor control). The
analog comparators in STM32F30x and STM32F37x devices can operate at low speed/low
power with 2 µs/1.2 µA and can also operate at high speed/high power with 50 ns/75 µA.
Table 2. Typical values of an hysteresis
Hysteresis
Typical value
No hysteresis
0 mV
Low hysteresis
8 mV
Medium hysteresis
15 mV
High hysteresis
31 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com