Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TN0991 Datasheet(PDF) 9 Page - STMicroelectronics

Part # TN0991
Description  Description of WLCSP for STMicroelectronics EEPROMs and recommendations for use
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0991 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TN0991 Datasheet HTML 5Page - STMicroelectronics TN0991 Datasheet HTML 6Page - STMicroelectronics TN0991 Datasheet HTML 7Page - STMicroelectronics TN0991 Datasheet HTML 8Page - STMicroelectronics TN0991 Datasheet HTML 9Page - STMicroelectronics TN0991 Datasheet HTML 10Page - STMicroelectronics TN0991 Datasheet HTML 11Page - STMicroelectronics TN0991 Datasheet HTML 12Page - STMicroelectronics TN0991 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DocID024463 Rev 2
9/21
TN0991
Packing specifications and labelling description
20
Figure 5. Typical tape dimensions for WLCSP packages in 12 mm carrier tape
1. A1 bump location varies with the device layout.
2. The dimensions shown in the above figure are for illustrative purpose. Actual carrier tape dimensions may
slightly differ.
The cavities in the carrier tape have been designed to avoid damaging the components. No
hole is present in the cavity to avoid any impact or any external contamination of the solder
bumps. Refer to Table 2 for the cavity dimension according to the die size.
The embossed carrier tape is in a black conductive material (surface resistivity within 104
and 108
Ω/sq). Using this material prevents the component from being damaged by
electrostatic discharge and ensures the total discharge of the component prior to the
placement on the PCB. Conductivity is guaranteed to be constant and is not affected by
4.00± 0.10
4.00± 0.10
2.00 ± 0.05
1.50 ± 0.10
1.75 ± 0.10
5.50 ± 0.05
12.00 + 0.30
- 0.10
1.00 ± 0.05
0.19
R 0.40
1.02
5°
5° MAX
5° MAX
2.19 ± 0.05
0.68 ± 0.05
5° MAX
0.28 ± 0.02
3.74 ± 0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com