Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC3530 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3530
Description  Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3530 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3530 Datasheet HTML 8Page - Linear Technology LTC3530 Datasheet HTML 9Page - Linear Technology LTC3530 Datasheet HTML 10Page - Linear Technology LTC3530 Datasheet HTML 11Page - Linear Technology LTC3530 Datasheet HTML 12Page - Linear Technology LTC3530 Datasheet HTML 13Page - Linear Technology LTC3530 Datasheet HTML 14Page - Linear Technology LTC3530 Datasheet HTML 15Page - Linear Technology LTC3530 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC3530
14
3530fb
LED CURRENT (A)
0.1
0.5
3530 TA04b
80
84
88
92
96
82
86
90
94
98
100
VIN = 3.6V
1MHz
High Efficiency Li-Ion Powered Constant Current Lumiled Driver
SW1
VIN
SD/SS
RT
SW2
VOUT
FB
VC
BURST
LTC3530
VIN
2.2V TO
4.2V
LHXL-PW01
COUT
4.7μF
CP1
1nF
L1
3.3μH
CBURST
470pF
CIN
10μF
OFF ON
R2 = R1/1.5
ILED =
CIN = TAIYO YUDEN JMK212BJ106MG
COUT = TAIYO YUDEN JMK325BJ475MM
D1 = BAT54
12,810 (R1+R2+R3+R4)
R1 • R3
R3
95.3k
R2
100k
R1
301k
RT
44.2k
R4
100k
ILED = 500mA
GND
D1
Lumiled Driver Efficiency vs LED Current
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com