Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AN4515 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4515
Description  Maximizing power efficiency using STM32F411xx Batch Acquisition Mode
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4515 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4515 Datasheet HTML 1Page - STMicroelectronics AN4515 Datasheet HTML 2Page - STMicroelectronics AN4515 Datasheet HTML 3Page - STMicroelectronics AN4515 Datasheet HTML 4Page - STMicroelectronics AN4515 Datasheet HTML 5Page - STMicroelectronics AN4515 Datasheet HTML 6Page - STMicroelectronics AN4515 Datasheet HTML 7Page - STMicroelectronics AN4515 Datasheet HTML 8Page - STMicroelectronics AN4515 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
DocID026482 Rev 1
5/24
AN4515
Application Overview
23
1
Application Overview
This section gives an overview of the application note use case, details how the user can
implement the BAM and describes each low-power mode involved in the use case
operation.
1.1
Hardware high level description
This document first explains how to assess power consumption in different low-power
modes (Standby, Sleep, Stop and Low-power run) and then highlights the significant power
reduction achieved by using the BAM to transfer sensor (MEMS LSM303DLHC) data
direction (UP or DOWN) to a master STM32F411xx microcontroller.
The data sent by the sensor is received via the I2C interface and transferred by DMA to the
RAM. After processing data, the DMA sends the data direction to the UART. It is then
displayed via the USB virtual comport.
Figure 1 shows a high-level block diagram of the application.
Figure 1. Application high level block diagram
Note:
The next version of this application note will include the X-Nucleo IKS01A1 as sensor
instead of 32F401CDISCOVERY (STM32F401C-DISCO order code).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com