Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UM1535 Datasheet(PDF) 9 Page - STMicroelectronics

Part # UM1535
Description  This manual provides application developers with a first introduction
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1535 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button UM1535 Datasheet HTML 5Page - STMicroelectronics UM1535 Datasheet HTML 6Page - STMicroelectronics UM1535 Datasheet HTML 7Page - STMicroelectronics UM1535 Datasheet HTML 8Page - STMicroelectronics UM1535 Datasheet HTML 9Page - STMicroelectronics UM1535 Datasheet HTML 10Page - STMicroelectronics UM1535 Datasheet HTML 11Page - STMicroelectronics UM1535 Datasheet HTML 12Page - STMicroelectronics UM1535 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
UM1535
Working with pre-flashed software
Doc ID 023036 Rev 2
9/39
The serial connection information can be configured in the 'configure minicom' submenu
and then 'Serial port setup'. After that, the configuration must be saved using the 'Save
setup as' option. The serial device name to be entered must match the one used for the link
to the SPEAr evaluation board. For example, the first serial port on Linux PC is named
/dev/ttyS0.
Select the serial speed as 115200 bps with 8 bit, no parity and 1 stop bit (115200 8N1) and
disable both hardware and software flow control.
Figure 3.
Minicom serial port configuration (Linux PC)
To save a new default configuration which is automatically used by minicom, select "Save
setup as dfl".
Alternatively, to create a new configuration file select "Save setup as..". In order to use it,
you have to specify the configuration file name in the command line when invoking minicom.
Please note that by default minicom tries to initialize a "modem" connected to the specific
interface you have chosen. To skip this step you can invoke minicom with the -o option as
follows:
$ minicom -o
2.2
Overview of Flash contents and structure
On all evaluation boards, the default software is only pre-stored into serial NOR Flash. The
use of other memory types available on some evaluation boards (NAND, parallel NOR)
requires the installation and usage of the STLinux distribution, as described in Chapter 3:
The STLinux distribution.
This subsection only provides an overview of the Flash contents and structuring. Details on
this subject (like offsets and sizes for each partition, as well as differences between serial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com