Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STS20N3LLH6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STS20N3LLH6
Description  Low gate drive power losses
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS20N3LLH6 Datasheet(HTML) 5 Page - STMicroelectronics

  STS20N3LLH6 Datasheet HTML 1Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 2Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 3Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 4Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 5Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 6Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 7Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 8Page - STMicroelectronics STS20N3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STS20N3LLH6
Electrical characteristics
Doc ID 15528 Rev 2
5/13
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD=15 V, ID= 10 A,
RG=4.7 Ω, VGS=4.5 V
Figure 13
-
9.5
30
37
12
-
ns
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
20
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
80
A
VSD
(2)
2.
Pulsed: pulse duration=300 µs, duty cycle 1.5%
Forward on Voltage
ISD= 20 A, VGS=0
-
1.1
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD= 20 A,
di/dt = 100 A/µs,
VDD=20 V, Tj=150 °C
Figure 15
-
14
16.8
1.4
ns
nC
A
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com