Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LT1306ES8 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1306ES8
Description  Synchronous, Fixed Frequency Step-Up DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1306ES8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1306ES8 Datasheet HTML 5Page - Linear Technology LT1306ES8 Datasheet HTML 6Page - Linear Technology LT1306ES8 Datasheet HTML 7Page - Linear Technology LT1306ES8 Datasheet HTML 8Page - Linear Technology LT1306ES8 Datasheet HTML 9Page - Linear Technology LT1306ES8 Datasheet HTML 10Page - Linear Technology LT1306ES8 Datasheet HTML 11Page - Linear Technology LT1306ES8 Datasheet HTML 12Page - Linear Technology LT1306ES8 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1306
Output Voltage Setting
The output voltage of the LT1306 is set with a resistive
divider, R1 and R2 (Figure 1 and Figure 5), from the output
to ground. The divider tap is tied to the FB pin. Current
through R2 should be significantly higher than the FB pin
input bias current (
≤25nA). With R2 = 249k, the input bias
current of the error amplifier is 0.5% of the current in R1.
VO
R1
R1
R2
VO = 1.24V 1 +
– 1
FB PIN
R2
1306 F05
()
VO
1.24
R1 = R2
()
Figure 5. Feedback Resistive Divider
Synchronization and Shutdown
The S/S pin (Pin 8) can be used to synchronize the
oscillator or disconnect the load from the input. The S/S
pin is tied to the input (VIN > 1.8V) for normal operation.
The oscillator in the LT1306 can be externally synchro-
nized by driving the S/S pin with a pulse train (See the
graph “Maximum Allowable Rise Time of Synchronizing
Pulse” in the Typical Performance Characteristics). The
synchronization is positive edge triggered. The recom-
mended frequency of the external clock ranges from
425kHz to 500kHz. If synchronization results in switching
jitter, reducing the rising edge dv/dt of the external clock
pulse usually cures the problem.
Shutdown will be activated if the S/S pin voltage stays
below the shutdown threshold (0.45V) for more than
50
µs. This shutdown delay is reset whenever the S/S pin
goes above the shutdown threshold.
Inductor
The value of the energy storage inductor L1 (Figure 1) is
usually selected so that the peak-to-peak ripple current is
less than 40% of the average inductor current. For 1- or
2-cell alkaline or single Li-Ion to 5V applications, 10
µH to
20
µH is recommended for the LT1306 running at 300kHz.
A 5
µH to 10µH inductor can be used if the LT1306 is
externally synchronized at 500kHz.
The inductor should be able to handle the full load peak
inductor current without saturation. The peak inductor
current can be as high as 2A. This places a lower limit on
the core size of the inductor. Powder iron cores have
unacceptable core losses and are not suitable for high
efficiency applications. Most ferrite core materials have
manageable core losses and are recommended. Inductor
DC winding resistance (DCR) also needs to be considered
for efficiency. Usually there are trade-offs between core
loss, DCR, saturation current, cost and size.
For EMI sensitive applications, one may want to use
magnetically shielded or toroidal inductors to contain field
radiation. Table 1 lists a number of inductors suitable for
LT1306 applications.
Table 1. Inductors Suitable for Use with the LT1306
PART
VALUE
MAX DCR
CORE
HEIGHT
VENDOR
NO.
(
µH)
(
Ω)
TYPE
(mm)
BH Electronics 511-0033
5.0
0.023
Toroid
4.8
Coilcraft
DO3308-103
10
0.09
Open
3.0
DO3316-472
4.7
0.018
Open
5.2
DO3316-103
10
0.029
Open
5.2
DO3316-153
15
0.046
Open
5.2
Coiltronics
CTX5-2
5
0.021
Toroid
6.0
CTX10-2
10
0.032
Toroid
6.0
Murata
LQN6C4R7
4.7
0.034
Open
5.0
Sumida
CDRH73-100
10
0.072
Magnetic
3.4
Shielding
CD43-4R7
4.7
0.109
Open
3.2
Capacitors
The output filter capacitor is usually chosen based on its
equivalent series resistance (ESR) and the acceptable
change in output voltage as a result of load transients. The
output voltage ripple at the switching frequency can be
estimated by considering the peak inductor current and
the capacitor ESR.
II
IV
V
PEAK
IN
OO
IN
≈≈ ()( )
output ripple
≅ (ESR)(IPEAK) =
ESR I
V
V
OO
IN
()( )( )
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com