Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RH0085G Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RH0085G
Description  HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RH0085G Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RH0085G Datasheet HTML 1Page - Solid States Devices, Inc RH0085G Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0085G
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD48 thru SPD51
Series
Electrical Characteristics
Symbol
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300-500μs pulse)
IF = 10mADC
IF = 100mADC
VF1
1.0
1.2
VDC
Instantaneous Forward Voltage Drop
(TA = -55ºC, 300-500μs pulse)
IF = 10mADC
IF = 100mADC
VF2
1.1
1.3
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300μs minimum pulse)
IR1
400
nA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300μs minimum pulse)
IR2
40
μA
Junction Capacitance
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
2.8
pF
Reverse Recovery Time
(I
F = 50 mA, IR = 100mA, IRR = 25mA, TA = 25ºC)
trr
5
nsec
Case Outline: Axial (___)
Case Outline: Round Tab (SM)
Case Outline: Square Tab (SMS)
C
B
A
A
D
DIMENSIONS
DIM
MIN
MAX
A
.050”
.075”
B
.080”
.120”
C
1.00”
---
D
.018”
.022”
DIMENSIONS
DIM
MIN
MAX
A
0.054”
0..085”
B
––
0.150”
C
0.010”
0.028”
D
.001”
––
DIMENSIONS
DIM
MIN
MAX
A
0.065”
0.085”
B
---
0.200”
C
0.022”
0.028”
D
0.001”
---



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com