Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSI30H200CW Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSI30H200CW
Description  30A, 100V - 200V Trench Schottky Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSI30H200CW Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSI30H200CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSI30H200CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSI30H200CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSI30H200CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSI30H200CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: DS_D1411045
Version: C15
ORDER INFORMATION (EXAMPLE)
TSI30H100CW - TSI30H200CW
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
0
5
10
15
20
25
30
35
0
255075
100
125
150
FIG. 1 FORWARD CURRENT DERATING CURVE
WITH HEATSINK
3in x 5in x 0.25in
Al-Plate
CASE TEMPERATURE (oC)
TSI30H100CW
TSI30H120CW
TSI30H150CW
TSI30H200CW
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
TSI30H100CW
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
TSI30H150CW
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TSI30H120CW
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
TSI30H100CW C0G
Green compound code
Packing code
Part no.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com