Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DTC114ESA Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # DTC114ESA
Description  NPN Small Signal Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTC114ESA Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  DTC114ESA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTC114ESA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DTC114ESA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DTC114ESA Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd DTC114ESA Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd DTC114ESA Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DTC114 EM/EE/EUA/ECA/ESA
Taiwan Semiconductor
Small Signal Product
- Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistor
(see equivalent circuit).
- The bias resistors consist of thin-film resistors with
complete isolation to allow negative biasing of the input.
They also have the advantage of almost completely
eliminating parasitic effects.
- Only the on/off conditions need to be set for
operation, marking device design easy.
- Packing code with suffix "G" means
green compound (halogen-free)
SYMBOL
UNIT
EM
EE
ESA
PD
100
150
300
mW
VCC
V
VIN
V
IO
IC(MAX)
TJ, TSTG
°C
Notes: 1. Valid provided that electrodes are kept at ambient temperature
SYMBOL
MIN
TYP
MAX
UNIT
VI(on)
--
3
VI(off)
0.5
-
-
VO(on)
--
0.3
V
II
-
-
0.88
mA
IO(off)
--
0.5
μA
GI
30
-
-
R1
710
13
KΩ
R2/R1
0.8
1
1.2
fT
-
250
-
MHz
Document Number: DS_S1412029
Version: C14
50
-10 ~ +40
50
EUA / ECA
Input Voltage
Supply Voltage
NPN Small Signal Transistor
FEATURES
Equivalent Circuit
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
200
Power Dissipation
PARAMETER
VALUE
mA
-55 to + 150
V
VO=5V,IO=5mA
VI=5V
VCC=50V,VI=0
VO=0.3V,IO=10mA
IO/II=10mA/0.5mA
100
CONDITION
VCC=5V,IO=100μA
Input Current
DC Current Gain
Output Current
VO=10V,IO=5mA,f=100MHz
Junction and Storage Temperature Range
Output Current
Output Voltage
Input Voltage
PARAMETER
Transition Frequency
Resistance Ratio
Input Resistance


Similar Part No. - DTC114ESA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114ESA ROHM-DTC114ESA Datasheet
71Kb / 3P
Digital transistors (built-in resistors)
DTC114ESA ROHM-DTC114ESA Datasheet
90Kb / 4P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC114ESA SECOS-DTC114ESA Datasheet
511Kb / 2P
Digital Transistors NPN (Built-in Resistors)
logo
Weitron Technology
DTC114ESA WEITRON-DTC114ESA Datasheet
470Kb / 3P
NPN DIGITAL TRANSISTOR
logo
Micro Commercial Compon...
DTC114ESA MCC-DTC114ESA Datasheet
517Kb / 3P
Digital Transistors
More results

Similar Description - DTC114ESA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jun-2002
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
SMALL SIGNAL NPN TRANSISTOR
Feb-2003
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
NPN SMALL SIGNAL TRANSISTOR
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
Small Signal Transistor (NPN)
logo
Taiwan Semiconductor Co...
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
BC846A TSC-BC846A_14 Datasheet
218Kb / 5P
NPN Small Signal Transistor
DTC123YE TSC-DTC123YE Datasheet
764Kb / 5P
NPN Small Signal Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com