Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DTC114ESA Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # DTC114ESA
Description  NPN Small Signal Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTC114ESA Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  DTC114ESA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTC114ESA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DTC114 WM/WE/WUA/WCA/WSA
NPN Small Signal Transistor
AA
C
C
Min
Max
Min
Max
Min
Max
Min
Max
2.80
3.00
0.11
0.12
1.90
2.10
0.07
0.08
1.20
1.40
0.05
0.06
1.15
1.35
0.05
0.05
0.30
0.50
0.01
0.02
0.25
0.35
0.01
0.01
1.80
2.00
0.07
0.08
1.20
1.40
0.05
0.06
2.25
2.55
0.09
0.10
2.00
2.20
0.08
0.09
0.90
1.20
0.04
0.04
0.80
1.00
0.03
0.04
A
A
C
C
Min
Max
Min
Max
Min
Max
Min
Max
1.50
1.70
0.06
0.07
1.15
1.25
0.05
0.05
0.70
0.80
0.03
0.03
0.75
0.85
0.03
0.03
0.25
0.35
0.01
0.01
0.17
0.27
0.01
0.01
0.90
1.10
0.04
0.04
1.50
1.70
0.06
0.07
1.15
1.25
0.05
0.05
0.70
0.90
0.03
0.04
0.50
0.02
A
E
BG
F
C
Min
Max
Min
Max
3.85
4.15
0.15
0.16
3.01
3.31
0.12
0.13
15.10
15.50
0.59
0.61
0.38
0.55
0.01
0.02
1.42
1.62
0.06
0.06
D
0.66
0.86
0.03
0.03
0.36
0.51
0.01
0.02
E
F
G
A
B
C
D
E
F
TO-92S
Dimensions
Unit (mm)
Unit (inch)
C
D
0.8 TYP
0.31TYP
Unit (mm)
Unit (inch)
A
B
D
E
F
SOT-723
Unit (inch)
A
B
C
Dimensions
F
SOT-523
Dimensions
Unit (mm)
0.550 REF
0.022 REF
F
G
Unit (inch)
A
B
C
Unit (inch)
A
B
C
Dimensions
Unit (mm)
SOT-323
D
E
SOT-23
Dimensions
Unit (mm)
D
E
B
D
F
E
G
B
D
F
E
B
D
F
E
B
D
F
E
Version:A12



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com