Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DTC114ESARSG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # DTC114ESARSG
Description  NPN Small Signal Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

DTC114ESARSG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  DTC114ESARSG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd DTC114ESARSG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd DTC114ESARSG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd DTC114ESARSG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd DTC114ESARSG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd DTC114ESARSG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DTC114 EM/EE/EUA/ECA/ESA
Taiwan Semiconductor
Small Signal Product
(TA=25
oC unless otherwise noted)
Document Number: DS_S1412029
Version: C14
RATINGS AND CHARACTERISTICS CURVES
0.1
1.0
10.0
100.0
0.1
1.0
10.0
100.0
Output Current IO (mA)
On Characteristics
Ta=100oC
VO=0.3V
Ta=25oC
0.01
0.10
1.00
10.00
0.0
0.4
0.8
1.2
1.6
2.0
Input Voltage VI(OFF) (V)
Off Characteristics
VCC=5V
Ta=100oC
Ta=25oC
0.01
0.10
1.00
1.0
10.0
100.0
Output Current IO (mA)
VO(ON) —— IO
IO/II=20
Ta=100oC
Ta=25oC
1
10
100
1000
0.1
1.0
10.0
100.0
Output Current IO (mA)
G I —— IO
VO=5V
Ta=100oC
Ta=25oC
0
2
4
6
8
10
04
8
12
16
20
Reverse Bias Voltage VR (V)
CO —— VR
f=1MHz
Ta=25oC
0
50
100
150
200
250
300
350
400
0
25
50
75
100
125
150
Ambient Temperature Ta (℃)
PD —— Ta
DTC114ESA
DTC114EUA/C
DTC114EE
DTC114EM



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com