Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1443CS Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1443CS
Description  Ultralow Power Quad Comparators with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1443CS Datasheet(HTML) 3 Page - Linear Technology

  LTC1443CS Datasheet HTML 1Page - Linear Technology LTC1443CS Datasheet HTML 2Page - Linear Technology LTC1443CS Datasheet HTML 3Page - Linear Technology LTC1443CS Datasheet HTML 4Page - Linear Technology LTC1443CS Datasheet HTML 5Page - Linear Technology LTC1443CS Datasheet HTML 6Page - Linear Technology LTC1443CS Datasheet HTML 7Page - Linear Technology LTC1443CS Datasheet HTML 8Page - Linear Technology LTC1443CS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1443/LTC1444/LTC1445
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPD
Propagation Delay
Overdrive = 10mV, COUT = 100pF
12
µs
Overdrive = 100mV, COUT = 100pF
4
µs
VOH
Output High Voltage
IO = – 15mA; LTC1443/LTC1445
q
V+ – 0.4V
V
VOL
Output Low Voltage
IO = 1.8mA; LTC1443
q
GND + 0.4V
V
IO = 1.8mA; LTC1444/LTC1445
q
V+ 0.4V
V
Reference
VREF
Reference Voltage
No Load, LTC1443
C Temp Range
q
1.170
1.182
1.194
V
I Temp Range
q
1.164
1.200
V
No Load, LTC1444/
C Temp Range
q
1.209
1.221
1.233
V
LTC1445
I Temp Range
q
1.203
1.239
V
ISOURCE
Reference Output Source Current
∆VREF ≤ 1mV
q
100
200
µA
ISINK
Reference Output Sink Current
∆VREF ≤ 2.5mV
10
15
µA
∆VREF ≤ 5mV
q
10
15
µA
Noise
Voltage Noise
100Hz to 100kHz
100
µVRMS
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V= GND = 0V, unless otherwise noted.
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
V+ = 3V, V= GND = 0V, unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
V+
Supply Voltage Range
q
2.0
11.0
V
ICC
Supply Current
IN+ = IN= 80mV, HYST = REF
q
58
µA
Comparator
VOS
Comparator Input Offset Voltage
VCM = 1.5V
q
±3.0
±10.0
mV
IIN
Input Leakage Current (IN+, IN)VIN+ = VIN– = 1.5V
q
±0.01
±1.0
nA
Input Leakage Current (HYST)
LTC1444/LTC1445
q
±0.02
±1.0
nA
VCM
Comparator Input Common Mode Range
q
V
V+ – 1.3V
V
CMRR
Common Mode Rejection Ratio
Vto (V+ –1.3V)
0.1
1.0
mV/V
PSRR
Power Supply Rejection Ratio
V+ = 2V to 11V
0.1
1.0
mV/V
Noise
Voltage Noise
100Hz to 100kHz
100
µVRMS
VHYST
Hysteresis Input Voltage Range
LTC1444/LTC1445
q
REF – 50mV
REF
V
tPD
Propagation Delay
Overdrive = 10mV, COUT = 100pF
14
µs
Overdrive = 100mV, COUT = 100pF
5
µs
VOH
Output High Voltage
IO = – 10mA, LTC1443/LTC1445
q
V+ – 0.4V
V
VOL
Output Low Voltage
IO = 0.8mA; LTC1443
q
GND + 0.4V
V
IO = 0.8mA; LTC1444/LTC1445
q
V+ 0.4V
V
Reference
VREF
Reference Voltage
No Load, LTC1443
C Temp Range
q
1.170
1.182
1.194
V
I Temp Range
q
1.164
1.200
V
No Load, LTC1444/
C Temp Range
q
1.209
1.221
1.233
V
LTC1445
I Temp Range
q
1.203
1.239
V
ISOURCE
Reference Output Source Current
∆VREF ≤ 1mV
q
60
120
µA
ISINK
Reference Output Sink Current
∆VREF ≤ 2.5mV
10
15
µA
∆VREF ≤ 5mV
q
10
15
µA
Noise
Noise Voltage
100Hz to 100kHz
100
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com