Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC2487 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2487
Description  16-Bit 2-/4-Channel ADC with PGA, Easy Drive and I2C Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2487 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2487_15 Datasheet HTML 17Page - Linear Technology LTC2487_15 Datasheet HTML 18Page - Linear Technology LTC2487_15 Datasheet HTML 19Page - Linear Technology LTC2487_15 Datasheet HTML 20Page - Linear Technology LTC2487_15 Datasheet HTML 21Page - Linear Technology LTC2487_15 Datasheet HTML 22Page - Linear Technology LTC2487_15 Datasheet HTML 23Page - Linear Technology LTC2487_15 Datasheet HTML 24Page - Linear Technology LTC2487_15 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
LTC2487
21
2487ff
For more information www.linear.com/LTC2487
Figure 6. Conversion Sequence
Figure 7. Consecutive Reading with the Same Input/Configuration
Table 6. Address Assignment
CA1
CA0
ADDRESS
LOW
LOW
0010100
LOW
HIGH
0010110
LOW
FLOAT
0010101
HIGH
LOW
0100110
HIGH
HIGH
0110100
HIGH
FLOAT
0100111
FLOAT
LOW
0010111
FLOAT
HIGH
0100101
FLOAT
FLOAT
0100100
S
ACK
DATA
Sr
DATA TRANSFERRING
P
7-BIT ADDRESS
R/W
2487 F06
CONVERSION
CONVERSION
SLEEP
DATA INPUT/OUTPUT
7-BIT ADDRESS
7-BIT ADDRESS
S
S
R
R
ACK
ACK
READ
READ
P
P
2487 F07
CONVERSION
CONVERSION
ADDRESS
SLEEP
DATA OUTPUT
DATA INPUT
SLEEP
Operation Sequence
The LTC2487 acts as a transmitter or receiver, as shown
in Figure 6. The device may be programmed to perform
several functions. These include input channel selection,
measure the internal temperature, selecting the line fre-
quency rejection (50Hz, 60Hz, or simultaneous 50Hz and
60Hz), a 2x speed mode and gain.
Continuous Read
Inapplicationswheretheinputchannel/configurationdoes
not need to change for each cycle, the conversion can be
continuously performed and read without a write cycle
(see Figure 7). The configuration/input channel remains
unchanged from the last value written into the device. If
the device has not been written to since power up, the
configuration is set to the default value. At the end of a
read operation, a new conversion automatically begins.
At the conclusion of the conversion cycle, the next result
may be read using the method described above. If the
conversion cycle is not concluded and a valid address
selects the device, the LTC2487 generates a NAK signal
indicating the conversion cycle is in progress.
Continuous Read/Write
Once the conversion cycle is concluded, the LTC2487 can
be written to and then read from using the Repeated Start
(Sr) command.
Figure 8 shows a cycle which begins with a data Write, a
repeated Start, followed by a Read and concluded with a
Stop command. The following conversion begins after all
24 bits are read out of the device or after a Stop command.
Thefollowingconversionwillbeperformedusingthenewly
programmed data. In cases where the same speed (1x/2x
mode), rejection frequency (50Hz, 60Hz, 50Hz and 60Hz)
and gain is used but the channel is changed, a Stop or
Repeated Start may be issued after the first byte (channel
selection data) is written into the device.
Discarding a Conversion Result and Initiating a New
Conversion with Optional Write
At the conclusion of a conversion cycle, a write cycle
can be initiated. Once the write cycle is acknowledged, a
Stop command will start a new conversion. If a new input
channel or conversion configuration is required, this data
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com