Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1553CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1553CSW
Description  5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1553CSW Datasheet(HTML) 1 Page - Linear Technology

  LTC1553CSW Datasheet HTML 1Page - Linear Technology LTC1553CSW Datasheet HTML 2Page - Linear Technology LTC1553CSW Datasheet HTML 3Page - Linear Technology LTC1553CSW Datasheet HTML 4Page - Linear Technology LTC1553CSW Datasheet HTML 5Page - Linear Technology LTC1553CSW Datasheet HTML 6Page - Linear Technology LTC1553CSW Datasheet HTML 7Page - Linear Technology LTC1553CSW Datasheet HTML 8Page - Linear Technology LTC1553CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
LTC1553
5-Bit Programmable
Synchronous Switching
Regulator Controller for
Pentium
® II Processor
FEATURES
DESCRIPTION
s
5-Bit Digitally Programmable 1.8V to 3.5V Fixed
Output Voltage
s
Provides All Features Required by the
Intel
Pentium
® II Processor VRM 8.2 DC/DC
Converter Specification
s
Flags for Power Good, Over-Temperature and
Overvoltage Fault
s
19A Output Current Capability from a 5V or 12V Supply
s
Dual N-Channel MOSFET Synchronous Driver
s
Initial Output Accuracy:
±1.5%
s
Excellent Output Accuracy:
±2% Typ Over Line,
Load and Temperature Variations
s
High Efficiency: Over 95% Possible
s
Adjustable Current Limit Without External Sense
Resistors
s
Fast Transient Response
s
Available in 20-Lead SSOP and SW Packages
The LTC
®1553 is a high power, high efficiency switching
regulator controller optimized for 5V or 12V input to 1.8V-
3.5V output applications. It features a digitally programmable
output voltage, a precision internal reference and an internal
feedback system that provides output accuracy of
±1.5% at
room temperature and typically
±2%over-temperature,load
current and line voltage shifts. The LTC1553 uses a synchro-
nous switching architecture with two external N-channel
output devices, providing high efficiency and eliminating the
need for a high power, high cost P-channel device. Addition-
ally, it senses the output current across the on-resistance of
the upper N-channel FET, providing an adjustable current
limit without an external low value sense resistor.
The LTC1553 free-runs at 300kHz and can be synchronized
to a faster external clock if desired. It includes all the inputs
and outputs required to implement a power supply conform-
ing to the
Intel Pentium
® II Processor VRM 8.2 DC/DC
Converter Specification.
APPLICATIONS
s
Power Supply for Pentium II, SPARC, ALPHA and
PA-RISC Microprocessors
s
High Power 5V or 12V to 1.8V-3.5V Regulators
TYPICAL APPLICATION
Figure 1. 5V to 1.8V-3.5V Supply Application
PWRGD
FAULT
OT
VID0 TO VID4
OUTEN
COMP
SS
SGND
GND
SENSE
10
µF
Q1*
20
Q2*
0.1
µF
VCC
IMAX
PVCC
PVCC
12V
VIN
5V
LO
2
µH
18A
LTC1553
G1
IFB
G2
+
0.1
µF
1553 F01
CC
0.01
µF
RC
8.2k
5.6k
2.7k
5.6k
5.6k
CSS
0.1
µF
0.1
µF
10
µF
CIN**
1200
µF
× 4
VOUT
1.8V TO
3.5V
14A
COUT††
330
µF
× 7
+
+
C1
150pF
+
5
PENTIUM
® II
SYSTEM
*SILICONIX SUD50N03-10
**SANYO 10MV1200GX
COILTRONICS CTX02-13198 OR
PANASONIC 12TS-2R5SP
††AVX TPSE337M006R0100
, LTC and LT are registered trademarks of Linear Technology Corporation.
Pentium is a registered trademark of Intel Corporation.


Similar Part No. - LTC1553CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1553L LINER-LTC1553L Datasheet
370Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1553LCG LINER-LTC1553LCG Datasheet
370Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1553LCSW LINER-LTC1553LCSW Datasheet
370Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1553L LINER-LTC1553L_15 Datasheet
321Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller
LTC1553 LINER-LTC1553_15 Datasheet
349Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller
More results

Similar Description - LTC1553CSW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2635 NSC-LM2635 Datasheet
288Kb / 13P
5-Bit Programmable Synchronous Buck Regulator Controller
logo
STMicroelectronics
L6911B STMICROELECTRONICS-L6911B Datasheet
50Kb / 7P
5 BIT PROGRAMMABLE POWER SUPPLY CONTROLLER FOR PENTIUM II PROCESSOR
Apr-1999
logo
Analog Devices
ADP3152 AD-ADP3152 Datasheet
274Kb / 12P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
REV.0
ADP3153 AD-ADP3153 Datasheet
164Kb / 12P
5-Bit Programmable Dual Power Supply Controller for Pentium II Processor
REV.0
ADP3157 AD-ADP3157 Datasheet
173Kb / 12P
5-Bit Programmable Synchronous Controller for Pentium III Processors
REV.A
logo
Linear Technology
LTC1553L LINER-LTC1553L Datasheet
370Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1753 LINER-LTC1753 Datasheet
269Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
LTC1553 LINER-LTC1553_15 Datasheet
349Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller
LTC1553L LINER-LTC1553L_15 Datasheet
321Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller
LTC1753 LINER-LTC1753_15 Datasheet
257Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium III Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com