Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1735CS Datasheet(PDF) 32 Page - Linear Technology

Part # LTC1735CS
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CS Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC1735CS Datasheet HTML 24Page - Linear Technology LTC1735CS Datasheet HTML 25Page - Linear Technology LTC1735CS Datasheet HTML 26Page - Linear Technology LTC1735CS Datasheet HTML 27Page - Linear Technology LTC1735CS Datasheet HTML 28Page - Linear Technology LTC1735CS Datasheet HTML 29Page - Linear Technology LTC1735CS Datasheet HTML 30Page - Linear Technology LTC1735CS Datasheet HTML 31Page - Linear Technology LTC1735CS Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
LTC1735
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 1998
1735f LT/TP 1199 4K • PRINTED IN USA
TYPICAL APPLICATIO
3.3V to 2.5V/5A Converter with External Clock Synchronization Operating at 500kHz
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1147
High Efficiency Step-Down Controller
100% DC*, Burst Mode Operation, SO-8
LTC1148HV/LTC1148
High Efficiency Synchronous Step-Down Controller
100% DC*, Burst Mode Operation, VIN < 20V
LTC1149
High Efficiency Synchronous Step-Down Controller
100% DC*, Std Threshold MOSFETs, VIN < 48V
LTC1159
High Efficiency Synchronous Step-Down Controller
100% DC*, Logic Level MOSFETs, VIN < 40V
LTC1266
High Efficiency Synchronous Step-Down Controller, N-Ch Drive
100% DC*, Burst Mode Operation, VIN < 20V
LT1375/LT1376
1.5A 500kHz Step-Down Switching Regulator
High Efficiency, Monolithic, SO-8
LTC1435A
High Efficiency Synchronous Step-Down Controller, N-Ch Drive
Burst Mode Operation, 16-Pin Narrow SO
LTC1436/LTC1436-PLL
High Efficiency Low Noise Synchronous Step-Down Converter, N-Ch Drive
Adaptive Power Mode, 24-Pin SSOP
LTC1474/LTC1475
Ultralow Quiescent Current Step-Down Monolithic Switching Regulator
100% DC*, 8-Pin MSOP, 10
µA IQ
LTC1624
High Efficiency SO-8 N-Channel Switching Regulator Controller
95% DC*, 3.5V to 36V VIN
LTC1625/LTC1775
No RSENSE
TM Current Mode Synchronous Step-Down Controller
Burst Mode Operation, 16-Pin SSOP
LTC1627
Synchronous Monolithic 0.5A Step-Down Regulator
100% DC*, 2.6V to 8.5V VIN, SO-8
LTC1628
Dual High Efficiency 2-Phase Step-Down Controller
Antiphase Drive for Reduced Input Capacitance
LTC1702
550kHz Dual Output Synchronous Step-Down Controller
Antiphase Drive, 24-Pin SSOP
LTC1735-1
High Efficiency Step-Down Controller with Power Good
Output Fault Protection, 16-Pin SO/SSOP
LTC1736
High Efficiency Step-Down Controller with VID Control
Output Fault Protection, 24-Pin SSOP
LTC1772
SOT-23 Step-Down Controller
100% DC*, Up to 4A, 2.2V to 9.8V VIN
No RSENSE is trademark of Linear Technology Corporation. *DC = Duty Cycle
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COSC
RUN/SS
ITH
FCB
SGND
VOSENSE
SENSE
SENSE+
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
LTC1735
CSS
0.1
µF
CB
0.1
µF
0.1
µF
CC2
51pF
47pF
CC
330pF
RC
33k
RSENSE
0.01
VOUT
2.5V
5A
1000pF
COSC
20pF
+
4.7
µF
+
COUT
100
µF
10V
AVX
×3
M1
Si4410DY
M2
Si4410DY
47pF
1735 TA06
+
CIN
100
µF
10V
OS-CON
DB
CMDSH-3
R2
43.2k
1%
CIN: SANYO OS-CON 10SL100M
COUT: AVX TPSD107M010R0065
L1: COILCRAFT DO3316P-152
RSENSE: IRC LR2010-01-R010-F
R1
20k
1%
MBRS140T3
VIN
3.3V
5V
L1
1.5
µH
SGND
EXT
CLOCK
500kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com