Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DPLS160 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DPLS160
Description  LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPLS160 Datasheet(HTML) 2 Page - Diodes Incorporated

  DPLS160_15 Datasheet HTML 1Page - Diodes Incorporated DPLS160_15 Datasheet HTML 2Page - Diodes Incorporated DPLS160_15 Datasheet HTML 3Page - Diodes Incorporated DPLS160_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
-80
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-60
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
V
IE = -100μA, IC = 0
Collector Cutoff Current
ICBO
-100
-50
nA
μA
VCB = -60V, IE = 0
VCB = -60V, IE = 0, TA = 150°C
Collector Cutoff Current
ICES
-100
nA
VCE = -60V, VBE = 0
Emitter Cutoff Current
IEBO
-100
nA
VEB = -5V, IC = 0
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
200
150
100
325
250
180
V
VCE = -5V, IC = -1mA
VCE = -5V, IC = -500mA
VCE = -5V, IC = -1A
Collector-Emitter Saturation Voltage
VCE(SAT)
-90
-90
-160
-160
-175
-330
mV
IC = -100mA, IB = -1mA
IC = -500mA, IB = -50mA
IC = -1A, IB = -100mA
Collector-Emitter Saturation Resistance
RCE(SAT)
160
330
m
IC = -1A, IB = -100mA
Base-Emitter Saturation Voltage
VBE(SAT)
-0.95
-1.1
V
IC = -1A, IB = -50mA
Base-Emitter Turn On Voltage
VBE(ON)
-0.82
-0.9
V
VCE = -5V, IC = -1A
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
10
15
pF
VCB = -10V, f = 1.0MHz
Current Gain-Bandwidth Product
fT
150
220
MHz
VCE = -10V, IC = -50mA, f = 100MHz
Notes:
4. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
0
50
100
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Maximum Power Dissipation vs.
Ambient Temperature
A
150
200
250
300
350
400
0
0
0.3
0.6
0.9
1.2
1.5
0
123
4
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
5
Fig. 2 Typical Collector Current
vs. Collector-Emitter Voltage
I = -2mA
B
I = -4mA
B
I = -6mA
B
I = -8mA
B
I = -10mA
B
DS31389 Rev. 4 - 2
2 of 4
www.diodes.com
DPLS160
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com