Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LED780-PD010-40D52 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED780-PD010-40D52
Description  LED780-PD010-40D52 consists of a GaAlAs LED 780 nm and a Si-PD mounted
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED780-PD010-40D52 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED780-PD010-40D52 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.roithner-laser.com
1
LED780-PD010-40D52
v 1.1 19.09.2014
LED780-PD010-40D52 consists of a GaAlAs LED 780 nm and a Si-PD mounted onTO-18 stem
hermetically sealed with a glass flat can, and is designed to monitor reflected light through
detector for controlling its own output power.
Specifications
Product Name: LED Lamp with PD Monitor
Type No.: LED780-PD010-40D52
Chip material: GaAlAs , Si (PIN)
Peak wavelength: 780 nm
Package: Stem TO-18
Lens: Ø5 2.4 Flat Glass
Can: Metal Can (Gold Plate )
Absolute Maximum Ratings [Ta=25°C]
Device
Item
Symbol
Maximum Rated
Unit
LED
Power Dissipation
PD
200
mW
LED
Forward Current
IF
100
mA
LED
Pulse Forward Current
IFP
500
A
LED
Reverse Voltage
VR
5
V
PD
Reverse Voltage
VR
100
V
Operating Temperature
TCASE
-20 ~ +85
°C
Storage Temperature
TSTG
-30 ~ +100
°C
Soldering Temperature
TSLD
260
°C
Pulse Forward Current condition: Duty = 1%, tw = 10 µs
Soldering condition: Soldering condition must be completed within 3 seconds at 250°C
Electro-Optical Charactaristics [Ta=25°C]
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=50mA
1.70
2.00
V
Reverse Current
IR
VR=5V
10
uA
Total Radiated Power
PO
IF=50mA
3.0
6.0
mW
Radiant Intensity
IE
IF=50mA
2.5
5.0
mW/sr
Peak Wavelength
λ
P
IF=50mA
765
780
795
nm
Half Width
∆λ
IF=50mA
35
nm
Viewing Half Angle
φ
IF=50mA
±55
deg.
Rise Time
tR
IF=50mA
60
ns
Fall Time
tF
IF=50mA
40
ns
Output Current
IL
VR=0V
250
500
uA
Dark Current
ID
VR=10V
10
nA
Total Radiated Power is measured by Photodyne #500
© All Rights Reserved
The above specifications are for reference purpose only and subjected to change without prior notice


Similar Part No. - LED780-PD010-40D52

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED780-66-60 ROITHNER-LED780-66-60 Datasheet
202Kb / 2P
High Power LED Array
More results

Similar Description - LED780-PD010-40D52

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GBAV70 GTM-GBAV70 Datasheet
194Kb / 3P
consists of two diodes in a plastic surface mount
GBAV99 GTM-GBAV99 Datasheet
190Kb / 2P
consists of two diodes in a plastic surface mount
logo
OSRAM GmbH
SFH7221 OSRAM-SFH7221 Datasheet
84Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH7221 OSRAM-SFH7221_12 Datasheet
164Kb / 10P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
logo
OSA Opto Light GmbH
SFH7221-Z OSA-SFH7221-Z Datasheet
85Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor GaAlAs-Infrared-Emitter (880 nm) and Si-Phototransistor
logo
Roithner LaserTechnik G...
B5B-900-8 ROITHNER-B5B-900-8 Datasheet
258Kb / 4P
B5B-900-8 is a GaAlAs LED mounted on a lead frame with a clear epoxy lens
logo
Richtek Technology Corp...
RT7305 RICHTEK-RT7305 Datasheet
778Kb / 14P
The RT7305 consists of a high voltage power MOSFET
logo
Tyco Electronics
408-8697 MACOM-408-8697 Datasheet
697Kb / 3P
Each die assembly consists of a nest die and an anvil die.
logo
Neutrik AG
NE8MC-1 NEUTRIK-NE8MC-1 Datasheet
88Kb / 2P
Cable connector carrier consists of a shell, fixing disk, chuck and boot.
NE8MX-1 NEUTRIK-NE8MX-1 Datasheet
80Kb / 2P
Cable connector carrier consists of a nickel shell, chuck and boot.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com