Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LED870-01UP Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # LED870-01UP
Description  Infrared LED Lamp
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

LED870-01UP Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  LED870-01UP Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
18.08.2010
led870_01up.doc
1 of 1
LED870-01UP
(LN870-01UP) Infrared LED Lamp
LED870-01UP is an AlGaAs LED mounted on a lead frame with a clear epoxy lens.
On forward bias, it emits a spectral band of radiation which peaks at 870 nm.
Specifications
Outer dimension
(Unit: mm)
1)Product Name
Infrared LED Lamp
2)Type No.
LED870-01UP
3)Chip
(1)Chip Material
AlGaAs
(2)Peak Wavelength 870 nm typ.
4)Package
(1)Type
Φ5mm clear molding
(2)Resin Material
Epoxy Resin
(3)Lead Frame
Soldered
Absolute Maximum Ratings
Item
Symbol
Maximum Rated Value
Unit
Ambient Temperature
Power Dissipation
PD
160
mW
Ta=25°C
Forward Current
IF
100
mA
Ta=25°C
Pulse Forward Current
IFP
1000
mA
Ta=25°C
Reverse Voltage
VR
5
V
Ta=25°C
Operating Temperature
TOPR
-30 ~ +85
°C
Storage Temperature
TSTG
-30 ~ +100
°C
Soldering Temperature
TSOL
260
°C
Pulse Forward Current condition: Duty=1% and Pulse Width=10us.
Soldering condition: Soldering condition must be completed within 3 seconds at 260°C
Electro-Optical Characteristics [Ta=25°C
Item
Symbol
Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF=50mA
1.50
1.70
V
Reverse Current
IR
VR=5V
10
uA
Total Radiated Power
PO
IF=50mA
18.0
22.0
mW
Radiant Intensity
IE
IF=50mA
60
90
mW/sr
Peak Wavelength
λP
IF=50mA
860
870
880
nm
Half Width
Δλ
IF=50mA
35
nm
Viewing Half Angle
θ 1/2
IF=50mA
±10
deg.
Rise Time
tr
IF=50mA
15
ns
Fall Time
tf
IF=50mA
10
ns
Total Radiated Power is measured by Photodyne #500
Radiant Intensity is measured by Tektronix J-6512.


Similar Part No. - LED870-01UP

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED870-66-60 ROITHNER-LED870-66-60 Datasheet
276Kb / 3P
High Power LED Array
More results

Similar Description - LED870-01UP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L735-02AU ETC-L735-02AU Datasheet
105Kb / 1P
Infrared LED Lamp
LED740-01AU ETC2-LED740-01AU Datasheet
89Kb / 1P
Infrared LED Lamp
logo
Seoul Semiconductor
LI521 SEOUL-LI521 Datasheet
376Kb / 14P
INFRARED LAMP LED
LI520C SEOUL-LI520C Datasheet
285Kb / 13P
Infrared LAMP LED
LR521 SEOUL-LR521_1 Datasheet
472Kb / 12P
Infrared LAMP LED
logo
Roithner LaserTechnik G...
LED770-03AU ROITHNER-LED770-03AU Datasheet
66Kb / 1P
Infrared LED Lamp
LED780_XXAU ROITHNER-LED780_XXAU Datasheet
184Kb / 1P
infrared led lamp
LED970-XX ROITHNER-LED970-XX Datasheet
82Kb / 2P
Infrared LED Lamp
LED940 ROITHNER-LED940 Datasheet
899Kb / 6P
Infrared LED Lamp
LED810-XXAU ROITHNER-LED810-XXAU Datasheet
1,004Kb / 9P
Infrared LED Lamp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com