Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RC201 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # RC201
Description  2.0A WOM BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

RC201 Datasheet(HTML) 1 Page - Leshan Radio Company

  RC201 Datasheet HTML 1Page - Leshan Radio Company RC201 Datasheet HTML 2Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LESHAN RADIO COMPANY, LTD.
3C–1/2
2.0A WOM
2.0A WOM BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or
inductive load. For capacitive load,derate current by 20%.
2W005 – 2W10
RC201 – RC207
TYPE
Maximum
Average
Forward
Output
Current
@TA=40°C
Maximum
Forward Peak
Surge Current
@ 8.3ms
Superimposed
Maximum DC
Forward Voltage
drop per element
at IF =1.0ADC
I O
A AV
IFM(Surge)
A PK
IR
25°CTA
125°CTA
µADC
µADC
T
J
°C
Package
Dimensions
Maximum DC
Reverse Current
at rated DC
Blocking Voltage
per element
Operating
Junction
Temperature
VF
VPK
Maximum
Peak
Reverse
Voltage
50
100
200
400
600
800
1000
WOM RC – 2
RC201
RC202
RC203
RC204
RC205
RC206
RC207
2W005
2W01
2W02
2W04
2W06
2W08
2W10
50
10
500
2.0
125
1.1
A
1.2
(30.5)
MIN
1.0
(25.4)
MIN
.032(0.8)
.028(0.7)
POS.
LEAD
WOM RC – 2
.220(5.6)
.180(4.6)
.220(5.6)
.180(4.6)
A
.217(5.5)
.197(5.0)
.290(7.4)
.270(6.9)
B
.360(9.1)
.340(8.6)
.394(10.0)
.374(9.5)
WOM
RC-2
WOM
RC-2
φ B


Similar Part No. - RC201

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RC201 RECTRON-RC201 Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Jinan Gude Electronic D...
RC201 JGD-RC201 Datasheet
121Kb / 2P
SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Dc Components
RC201 DCCOM-RC201 Datasheet
392Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
MIC GROUP RECTIFIERS
RC201 MIC-RC201 Datasheet
100Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
RC201 CHONGQING-RC201 Datasheet
41Kb / 1P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - RC201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2W005 WTE-2W005 Datasheet
46Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Leshan Radio Company
KBP201 LRC-KBP201 Datasheet
53Kb / 2P
2.0A BRIDGE RECTIFIERS
W005 LRC-W005 Datasheet
49Kb / 2P
1.5A WOM BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
2W005M TAITRON-2W005M Datasheet
190Kb / 4P
2.0A Bridge Rectifiers
logo
WILLAS ELECTRONIC CORP
MB22S WILLAS-MB22S Datasheet
191Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BRIDGE RECTIFIERS -20V- 100V
logo
Zibo Seno Electronic En...
KBP201 ZSELEC-KBP201 Datasheet
338Kb / 2P
2.0A BRIDGE RECTIFIER
UR2KB05 ZSELEC-UR2KB05 Datasheet
116Kb / 2P
2.0A BRIDGE RECTIFIER
2W05 ZSELEC-2W05 Datasheet
163Kb / 2P
2.0A BRIDGE RECTIFIER
D2KB05 ZSELEC-D2KB05 Datasheet
117Kb / 2P
2.0A BRIDGE RECTIFIER
D2SB05 ZSELEC-D2SB05 Datasheet
84Kb / 2P
2.0A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com