Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD78P324LPA Datasheet(PDF) 13 Page - NEC

Part # UPD78P324LPA
Description  16-/8-Bit Single-Chip Microcomputers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78P324LPA Datasheet(HTML) 13 Page - NEC

Back Button UPD78P324LPA Datasheet HTML 9Page - NEC UPD78P324LPA Datasheet HTML 10Page - NEC UPD78P324LPA Datasheet HTML 11Page - NEC UPD78P324LPA Datasheet HTML 12Page - NEC UPD78P324LPA Datasheet HTML 13Page - NEC UPD78P324LPA Datasheet HTML 14Page - NEC UPD78P324LPA Datasheet HTML 15Page - NEC UPD78P324LPA Datasheet HTML 16Page - NEC UPD78P324LPA Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
µPD78P324, 78P324(A)
13
(2) Pins other than ports (2/2)
I/O
Output
Output
Input
Input
Input
—
—
Input
Input
—
—
—
—
Function
Access to external memory. Timing signal output for
externally latching the lower address which is output
from the AD0-AD7 pin.
Output of the signal which indicates that the watchdog
timer generated a non-maskable interrupt.
Normally, the EA pin is connected to VDD. By connecting
the EA pin to Vss, the system is placed in ROM-less mode
to access external memory. The level of the EA pin
cannot be switched over during operation.
Analog input to the A/D converter
Reference voltage input of the A/D converter.
Analog power of the A/D converter.
Ground of the A/D converter.
Input of the system reset.
Connection of the crystal oscillator for system clock
generation. When clocks are supplied externally, they are
input to the X1 pin and their reverse signals are input to
the X2 pin. (The X2 pin can also be left unconnected.)
Positive power voltage.
Ground.
Internally unconnected. Please connect this to Vss. (It can
also be left unconnected.)
Shared Pin Name
—
—
—
P70-P77
—
—
—
—
—
—
—
—
—
Pin Name
ASTB
WDTO
EA
AN0-AN7
AVREF
AVDD
AVSS
RESET
X1
X2
VDD
VSS
NC
1.2
PROM PROGRAMMING MODE (RESET = H, AVDD = L)
I/O
Input
Input
I/O
Input
Input
Input
—
Function
PROM programming mode setting
Address bus
Data bus
Program input
PROM enable input
Read strobe to PROM
Write power
Positive power voltage
Ground
Internally unconnected. Please connect this to VSS. (It can also be left uncon-
nected.)
Pin Name
AVDD
RESET
A0-A16
D0-D7
PGM
CE
OE
VPP
VDD
VSS
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com