Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STUD609S Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STUD609S
Description  Super high dense cell design for low RDS(ON).
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD609S Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STUD609S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD609S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD609S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD609S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD609S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD609S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD609S Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.samhop.com.tw
Jun,22,2012
4
-VGS, Gate-to-Source Voltage(V)
Figure 7. On-Resistance vs.
Gate-Source Voltage
-VSD, Body Diode Forward Voltage(V)
Figure 8. Body Diode Forward Voltage
Variation with Source Current
-VDS, Drain-to-Source Voltage(V)
Figure 9. Capacitance
Qg, Total Gate Charge(nC)
Figure 10. Gate Charge
Rg, Gate Resistance(
Ω)
Figure 11. switching characteristics
-VDS, Drain-Source Voltage(V)
Figure 12. Maximum Safe Operating Area
Ver 1.1
180
150
120
90
60
30
0
10
0
ID=-10A
20.0
10.0
1.0
0
0.25
0.50
0.75
1.00
1.25
5.0
25 C
75 C
125 C
Crs s
Cs s
o
Cs s
i
3000
2500
2000
1500
1000
500
0
10
15
20
25
30
0
5
10
8
6
4
2
0
V DS = -30V
ID= -10A
110
100
1
10
100
300
VDS=-30V,ID=-1A
VGS=-10V
Tr
Tf
TD(on)
TD(off )
0.1
1
10
60
10
1
100
VGS= -10V
Single Pulse
TC=25 C
1ms
10m
s
DC
STU/D609S
24
6
8
25 C
125 C
75 C
48
42
36
30
24
18
12
6
0
R
DS
(O
N)
Li
m
it
100u
s



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com