Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STUD618S Datasheet(PDF) 2 Page - SamHop Microelectronics Corp.

Part # STUD618S
Description  Super high dense cell design for low RDS(ON).
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD618S Datasheet(HTML) 2 Page - SamHop Microelectronics Corp.

  STUD618S Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD618S Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD618S Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD618S Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD618S Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD618S Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD618S Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD618S Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
60
V
1
IGSS
±100
nA
VGS(th)
V
45
gFS
S
CISS
1070
pF
COSS
66
pF
CRSS
54
pF
Qg
20
nC
16
42
9
tD(ON)
18.5
ns
tr
ns
tD(OFF)
ns
tf
ns
VDS=30V,VGS=0V
SWITCHING CHARACTERISTICS
VDD=30V
ID=1A
VGS=10V
RGEN=6ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
Fall Time
Turn-On Delay Time
m ohm
VGS=10V , ID=10.5A
VDS=5V,ID=10.5A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
IDSS
uA
Gate Threshold Voltage
VDS=VGS ,ID=250uA
VDS=48V , VGS=0V
VGS=±20V,VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
VGS=4.5V , ID=9.4A
56
52
70
m ohm
c
f=1.0MHz
c
STU/D618S
www.samhop.com.tw
Nov,06,2009
2
VSD
nC
Qgs
nC
Qgd
2.6
4.7
Gate-Drain Charge
Gate-Source Charge
Diode Forward Voltage
VDS=30V,ID=10.5A,
VGS=10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS=0V,IS=2A
0.79
1.3
V
IS
Maximum Continuous Drain-Source Diode Forward Current
2
A
Notes
nC
9.1
VDS=30V,ID=10.5A,VGS=10V
VDS=30V,ID=10.5A,VGS=4.5V
b
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,L=0.5mH,VDD = 30V.(See Figure13)
_
_
_
1.5
2
3
28
Ver 1.1
BVDSS
66
Drain-Source Breakdown Voltage
VGS=0V , ID=10mA
e
e.Pulse Test:Pulse Width < 1us,Duty Cycle < 1%.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com