Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STUD660 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STUD660
Description  Super high dense cell design for low RDS(ON).
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STUD660 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STUD660 Datasheet HTML 1Page - SamHop Microelectronics Corp. STUD660 Datasheet HTML 2Page - SamHop Microelectronics Corp. STUD660 Datasheet HTML 3Page - SamHop Microelectronics Corp. STUD660 Datasheet HTML 4Page - SamHop Microelectronics Corp. STUD660 Datasheet HTML 5Page - SamHop Microelectronics Corp. STUD660 Datasheet HTML 6Page - SamHop Microelectronics Corp. STUD660 Datasheet HTML 7Page - SamHop Microelectronics Corp. STUD660 Datasheet HTML 8Page - SamHop Microelectronics Corp. STUD660 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.samhop.com.tw
3
Tj(°
C)
VDS, Drain-to-Source Voltage(V)
Figure 1. Output Characteristics
VGS, Gate-to-Source Voltage(V)
Figure 2. Transfer Characteristics
ID, Drain Current(A)
Tj, Junction Temperature(°C)
Figure 3. On-Resistance vs. Drain Current
and Gate Voltage
Figure 4. On-Resistance Variation with Drain
Current and Temperature
Tj, Junction Temperature(°C)
Figure 5. Gate Threshold Variation
with Temperature
Tj, Junction Temperature(°C)
Figure 6. Breakdown Voltage Variation
with Temperature
3.5
2.8
2.1
1.4
0.7
0
0
1
2
3
4
5
6
VGS=3.5V
VGS=4V
VGS=10V
VGS=4.5V
3.5
2.8
2.1
1.4
0.7
0
0
0.9
5.4
4.5
3.6
2.7
1.8
25 C
Tj=125 C
-55 C
1800
1500
1200
900
600
300
0
1
0.7
1.4
2.1
2.8
3.5
VGS=10V
VGS=4.5V
2.0
1.8
1.6
1.4
1.2
1.0
0
0
100
75
25
50
125
150
VDS=VGS
ID=250uA
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-50
-25
0
25
50
75
100 125 150
ID=250uA
1.15
1.10
1.05
1.00
0.95
0.90
0.85
-50
-25
0
25
50
75
100 125 150
Ver 2.1
STU/D660
VGS=3V
VGS=5V
2.2
VGS=10V
ID=1.5A
VGS=4.5V
ID=1.3A
Jan,08,2015



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com