Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PT511B Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # PT511B
Description  TO-Can PIN Photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PT511B Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  PT511B Datasheet HTML 1Page - Roithner LaserTechnik GmbH PT511B Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
23.11.2011
PT511B
1 of 2
PT511B
TECHNICAL DATA
TO-Can PIN Photodiode
Ball Lens
PT511B is an InGaAs pin structure based photodiode on InP by MOCVD method and planar diffusing
technology. The sensitive area is Ø 300µm respectively. TO-46 package with ball lens.
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Value
Unit
Reverse Voltage
UR
1000
V
Reverse current
IR
500
µA
Forward current
IF
1000
mA
Power Dissipation
PD
100
mW
Operating Temperature
Topr
-40 … +85
°C
Storage Temperature
Tstg
-40 … +125
°C
Soldering Temperature (max. 10 s)
Tsol
260
°C
Specifications (Ta=25°C)
Item
Value
Unit
Sensitive Area
Ø 300
µm
Spectral Response
Range
Normal
1000 .. 1650
Nm
Broad
650 .. 1650
Nm
Responsivity (0 V)
λ=850 nm
≥0.20
A/W
λ=1310 nm
≥0.75
A/W
λ=1550 nm
≥0.80
A/W
Linear Range (0 V)
-
-70 .. +10
dBm
-
-55 .. +25
dBm
-
-40 .. +30
dBm
Capacitance (-5 V)
≤12
pF
Dark Current (-5 V)
≤5
nA
Operating Voltage
0 .. -10
V
Linearity
-
dB
Splicing Deviation
±0.1
Db
Splicing Life
10
5
Time
Highest Unsaturated Power
-
dBm


Similar Part No. - PT511B

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PT511-2 ROITHNER-PT511-2 Datasheet
96Kb / 1P
TO-Can PIN Photodiode
logo
Texas Instruments
PT5110 TI-PT5110 Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5110A TI-PT5110A Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5110C TI-PT5110C Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT5110L TI-PT5110L Datasheet
170Kb / 7P
1 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT511B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNZ3108 PANASONIC-PNZ3108 Datasheet
44Kb / 2P
PIN Photodiode
PNZ331CL PANASONIC-PNZ331CL Datasheet
53Kb / 3P
PIN Photodiode
logo
KODENSHI_AUK CORP.
HPI-6FER2 KODENSHI-HPI-6FER2 Datasheet
200Kb / 2P
PIN Photodiode
HPI-6FGR4 KODENSHI-HPI-6FGR4 Datasheet
200Kb / 2P
PIN Photodiode
HPI-6FH KODENSHI-HPI-6FH Datasheet
200Kb / 2P
PIN Photodiode
HPI-2464 KODENSHI-HPI-2464 Datasheet
224Kb / 2P
PIN Photodiode
logo
Panasonic Semiconductor
PNZ335 PANASONIC-PNZ335 Datasheet
56Kb / 3P
PIN Photodiode
logo
Roithner LaserTechnik G...
PT511-2 ROITHNER-PT511-2 Datasheet
96Kb / 1P
TO-Can PIN Photodiode
PT521 ROITHNER-PT521 Datasheet
133Kb / 2P
TO-Can PIN Photodiode
PT410 ROITHNER-PT410 Datasheet
134Kb / 2P
TO-Can PIN Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com