Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1702 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1702
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702 Datasheet(HTML) 2 Page - Linear Technology

  LTC1702_15 Datasheet HTML 1Page - Linear Technology LTC1702_15 Datasheet HTML 2Page - Linear Technology LTC1702_15 Datasheet HTML 3Page - Linear Technology LTC1702_15 Datasheet HTML 4Page - Linear Technology LTC1702_15 Datasheet HTML 5Page - Linear Technology LTC1702_15 Datasheet HTML 6Page - Linear Technology LTC1702_15 Datasheet HTML 7Page - Linear Technology LTC1702_15 Datasheet HTML 8Page - Linear Technology LTC1702_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
LTC1702
1702fa
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Supply Voltage
VCC ........................................................................ 7V
BOOST
n ............................................................... 15V
BOOST
n – SWn .................................................... 7V
Input Voltage
SW
n .......................................................... – 1V to 8V
All Other Inputs ......................... – 0.3V to VCC + 0.3V
Peak Output Current < 10
µs
TG
n, BGn ............................................................... 5A
Operating Temperature Range
LTC1702C ............................................... 0
°C to 70°C
LTC1702I ........................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The denotes specifications which apply over the full operating
temperature range, otherwise specifications are TA = 25°C. VCC = 5V unless otherwise specified. (Note 3)
TJMAX = 125°C, θJA = 100°C/ W
ORDER PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC1702CGN
LTC1702IGN
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN PACKAGE
24-LEAD NARROW PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
PVCC
BOOST1
BG1
TG1
SW1
IMAX1
PGOOD1
FCB
RUN/SS1
COMP1
SGND
FB1
IMAX2
BOOST2
BG2
TG2
SW2
PGND
PGOOD2
FAULT
RUN/SS2
COMP2
FB2
VCC
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loop
VCC
VCC Supply Voltage
37
V
PVCC
PVCC Supply Voltage
(Note 2)
37
V
BVCC
BOOST Pin Voltage
VBOOST – VSW (Note 2)
2.7
7
V
ICC
VCC Supply Current
Test Circuit 1, CL = 0pF
2.2
8
mA
RUN/SS1 = RUN/SS2 = 0V (Note 5)
30
100
µA
IPVCC
PVCC Supply Current
Test Circuit 1, CL = 0pF (Note 4)
2.2
6
mA
RUN/SS1 = RUN/SS2 = 0V (Note 5)
6
100
µA
IBOOST
BOOST Pin Current
Test Circuit 1, CL = 0pF (Note 4)
1.3
3
mA
RUN/SS1 = RUN/SS2 = 0V
0.1
10
µA
VFB
Feedback Voltage
Test Circuit 1, CL = 0pF, LTC1702C
0.792
0.800
0.808
V
Test Circuit 1, CL = 0pF, LTC1702I
0.790
0.800
0.810
V
∆VFB
Feedback Voltage Line Regulation
VCC = 3V to 7V
±0.005
±0.05
%/V
IFB
Feedback Current
±0.001
±1
µA
∆VOUT
Output Voltage Load Regulation
(Note 6)
0.1
±0.2
%
VFCB
FCB Threshold
0.75
0.8
0.85
V
∆VFCB
FCB Feedback Hysteresis
20
mV
IFCB
FCB Pin Current
±0.001
±1
µA
VRUN
RUN/SS Pin RUN Threshold
0.45
0.55
0.65
V
ISS
Soft-Start Source Current
RUN/SS
n = 0V
–2
–3.5
–6
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com